Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LM73
SMBCLK
(continued)
SMBDAT
(continued)
Stop
by
Master
D15 D14 D13 D12 D11 D10
D9
D8
Ack
by
LM73
Frame 3
Data Byte to LM73
Frame 4
Data Byte to LM73
1
9
1
9
Ack
by
LM73
Start by
Master
SMBCLK
SMBDAT
R/W
0
1
A2
A0
1
0
A1
Ack
by
LM73
Frame 1
Serial Bus Address Byte
Frame 2
Pointer Byte
0
0
0
0
0
P2
P1
P0
1
9
1
9
Ack
by
LM73
Start by
Master
SMBCLK
SMBDAT
R/W
0
1
A2
A0
1
0
A1
Ack
by
LM73
Frame 1
Serial Bus Address Byte
Frame 2
Pointer Byte
0
0
0
0
0
P2
P1
P0
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Frame 3
Data Byte to LM73
Ack
by
LM73
Stop
by
Master
LM73
SNIS141D – OCTOBER 2005 – REVISED MAY 2009
www.ti.com
(a) Typical 1-Byte Write
(b) Typical 2-Byte Write
Figure 10. Writing to the LM73
SHUTDOWN MODE
Shutdown Mode is enabled by writing a “1” to the Full Power Down Bit, Bit 7 of the Configuration Register, and
holding it high for at least the specified maximum conversion time at the existing temperature resolution setting.
(see Temperature Conversion Time specifications under the TEMPERATURE-TO-DIGITAL CONVERTER
CHARACTERISTICS section). For example, if the LM73 is set for 12-bit resolution before shutdown, then Bit 7 of
the Configuration register must go high and stay high for the specified maximum conversion time for 12-bits
resolution.
The LM73 will always finish a temperature conversion and update the temperature registers before shutting
down.
Writing a “0” to the Full Power Down Bit restores the LM73 to normal mode. The user should wait at least the
specified maximum conversion time, at the existing resolution setting, before accurate data appears in the
temperature register.
14
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com