Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 145 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 141Page - ATMEL Corporation AT90USB646 Datasheet HTML 142Page - ATMEL Corporation AT90USB646 Datasheet HTML 143Page - ATMEL Corporation AT90USB646 Datasheet HTML 144Page - ATMEL Corporation AT90USB646 Datasheet HTML 145Page - ATMEL Corporation AT90USB646 Datasheet HTML 146Page - ATMEL Corporation AT90USB646 Datasheet HTML 147Page - ATMEL Corporation AT90USB646 Datasheet HTML 148Page - ATMEL Corporation AT90USB646 Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 456 page
background image
145
7593L–AVR–09/12
AT90USB64/128
16. 8-bit Timer/Counter2 with PWM and asynchronous operation
Timer/Counter2 is a general purpose, single channel, 8-bit Timer/Counter module. The main
features are:
• Single channel counter
• Clear timer on compare match (auto reload)
• Glitch-free, phase correct pulse width modulator (PWM)
• Frequency generator
• 10-bit clock prescaler
• Overflow and compare match interrupt sources (TOV2, OCF2A and OCF2B)
• Allows clocking from external 32kHz watch crystal independent of the I/O clock
16.1
Overview
A simplified block diagram of the 8-bit Timer/Counter is shown in Figure 16-1. For the actual
placement of I/O pins, see “Pin configurations” on page 3. CPU accessible I/O Registers, includ-
ing I/O bits and I/O pins, are shown in bold. The device-specific I/O Register and bit locations
are listed in the “8-bit Timer/Counter register description” on page 156.
The Power Reduction Timer/Counter2 bit, PRTIM2, in “PRR0 – Power Reduction Register 0” on
page 54 must be written to zero to enable Timer/Counter2 module.
Figure 16-1. 8-bit Timer/Counter, block diagram.
Timer/counter
OCRnA
OCRnB
=
=
TCNTn
Waveform
generation
Waveform
generation
OCnA
OCnB
=
Fixed
TOP
value
Control logic
= 0
TOP
BOTTOM
Count
Clear
Direction
TOVn
(int.req.)
OCnA
(int.req.)
OCnB
(int.req.)
TCCRnA
TCCRnB
clk
Tn
ASSRn
Synchronization unit
Prescaler
T/C
oscillator
clk
I/O
clk
ASY
asynchronous mode
select (ASn)
Synchronized status flags
TOSC1
TOSC2
Status flags
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com