Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 141 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 137Page - ATMEL Corporation AT90USB646 Datasheet HTML 138Page - ATMEL Corporation AT90USB646 Datasheet HTML 139Page - ATMEL Corporation AT90USB646 Datasheet HTML 140Page - ATMEL Corporation AT90USB646 Datasheet HTML 141Page - ATMEL Corporation AT90USB646 Datasheet HTML 142Page - ATMEL Corporation AT90USB646 Datasheet HTML 143Page - ATMEL Corporation AT90USB646 Datasheet HTML 144Page - ATMEL Corporation AT90USB646 Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 456 page
background image
141
7593L–AVR–09/12
AT90USB64/128
15.10.7
TCNT1H and TCNT1L – Timer/Counter1
15.10.8
TCNT3H and TCNT3L – Timer/Counter3
The two Timer/Counter I/O locations (TCNTnH and TCNTnL, combined TCNTn) give direct
access, both for read and for write operations, to the Timer/Counter unit 16-bit counter. To
ensure that both the high and low bytes are read and written simultaneously when the CPU
accesses these registers, the access is performed using an 8-bit temporary High Byte Register
(TEMP). This temporary register is shared by all the other 16-bit registers. See “Accessing 16-bit
registers” on page 117.
Modifying the counter (TCNTn) while the counter is running introduces a risk of missing a com-
pare match between TCNTn and one of the OCRnx Registers.
Writing to the TCNTn Register blocks (removes) the compare match on the following timer clock
for all compare units.
15.10.9
OCR1AH and OCR1AL – Output Compare Register 1 A
15.10.10 OCR1BH and OCR1BL – Output Compare Register 1 B
15.10.11 OCR1CH and OCR1CL – Output Compare Register 1 C
Bit
7
65
43
21
0
TCNT1[15:8]
TCNT1H
TCNT1[7:0]
TCNT1L
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
TCNT3[15:8]
TCNT3H
TCNT3[7:0]
TCNT3L
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
OCR1A[15:8]
OCR1AH
OCR1A[7:0]
OCR1AL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
OCR1B[15:8]
OCR1BH
OCR1B[7:0]
OCR1BL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
OCR1C[15:8]
OCR1CH
OCR1C[7:0]
OCR1CL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com