Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 136Page - ATMEL Corporation AT90USB646 Datasheet HTML 137Page - ATMEL Corporation AT90USB646 Datasheet HTML 138Page - ATMEL Corporation AT90USB646 Datasheet HTML 139Page - ATMEL Corporation AT90USB646 Datasheet HTML 140Page - ATMEL Corporation AT90USB646 Datasheet HTML 141Page - ATMEL Corporation AT90USB646 Datasheet HTML 142Page - ATMEL Corporation AT90USB646 Datasheet HTML 143Page - ATMEL Corporation AT90USB646 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 456 page
background image
140
7593L–AVR–09/12
AT90USB64/128
• Bit 2:0 – CSn2:0: Clock Select
The three clock select bits select the clock source to be used by the Timer/Counter, see Figure
14-8 on page 107 and Figure 14-9 on page 108.
If external pin modes are used for the Timer/Countern, transitions on the Tn pin will clock the
counter even if the pin is configured as an output. This feature allows software control of the
counting.
15.10.5
TCCR1C – Timer/Counter1 Control Register C
15.10.6
TCCR3C – Timer/Counter3 Control Register C
• Bit 7 – FOCnA: Force Output Compare for Channel A
• Bit 6 – FOCnB: Force Output Compare for Channel B
• Bit 5 – FOCnC: Force Output Compare for Channel C
The FOCnA/FOCnB/FOCnC bits are only active when the WGMn3:0 bits specifies a non-PWM
mode. When writing a logical one to the FOCnA/FOCnB/FOCnC bit, an immediate compare
match is forced on the waveform generation unit. The OCnA/OCnB/OCnC output is changed
according to its COMnx1:0 bits setting. Note that the FOCnA/FOCnB/FOCnC bits are imple-
mented as strobes. Therefore it is the value present in the COMnx1:0 bits that determine the
effect of the forced compare.
A FOCnA/FOCnB/FOCnC strobe will not generate any interrupt nor will it clear the timer in Clear
Timer on Compare Match (CTC) mode using OCRnA as TOP.
The FOCnA/FOCnB/FOCnB bits are always read as zero.
• Bit 4:0 – Reserved bits
These bits are reserved for future use. For ensuring compatibility with future devices, these bits
must be written to zero when TCCRnC is written.
Table 15-5.
Clock Select bit description.
CSn2
CSn1
CSn0
Description
0
0
0
No clock source. (Timer/Counter stopped)
00
1
clk
I/O/1 (no prescaling
01
0
clkI/O/8 (from prescaler)
01
1
clkI/O/64 (from prescaler)
10
0
clk
I/O/256 (from prescaler)
10
1
clkI/O/1024 (from prescaler)
1
1
0
External clock source on Tn pin. Clock on falling edge
1
1
1
External clock source on Tn pin. Clock on rising edge
Bit
7
6
5
4
3
210
FOC1A
FOC1B
FOC1C
–
–
–
–
–
TCCR1C
Read/write
W
W
W
R
R
RRR
Initial value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
210
FOC3A
FOC3B
FOC3C
–
–
–
–
–
TCCR3C
Read/write
W
W
W
R
R
RRR
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com