Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 134Page - ATMEL Corporation AT90USB646 Datasheet HTML 135Page - ATMEL Corporation AT90USB646 Datasheet HTML 136Page - ATMEL Corporation AT90USB646 Datasheet HTML 137Page - ATMEL Corporation AT90USB646 Datasheet HTML 138Page - ATMEL Corporation AT90USB646 Datasheet HTML 139Page - ATMEL Corporation AT90USB646 Datasheet HTML 140Page - ATMEL Corporation AT90USB646 Datasheet HTML 141Page - ATMEL Corporation AT90USB646 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 456 page
background image
138
7593L–AVR–09/12
AT90USB64/128
Note:
A special case occurs when OCRnA/OCRnB/OCRnC equals TOP and
COMnA1/COMnB1//COMnC1 is set. See “Phase correct PWM mode” on page 106. for more
details.
• Bit 1:0 – WGMn1:0: Waveform Generation mode
Combined with the WGMn3:2 bits found in the TCCRnB Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 15-4 on page 138. Modes of operation supported by the
Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare match (CTC) mode,
and three types of Pulse Width Modulation (PWM) modes. (See “Modes of operation” on page
103.).
Table 15-3.
Compare Output mode, phase correct and phase and frequency correct PWM.
COMnA1/COMnB/
COMnC1
COMnA0/COMnB0/
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC
disconnected.
01
WGM13:0 = 8, 9 10 or 11: Toggle OC1A on
Compare Match, OC1B and OC1C
disconnected (normal port operation). For all
other WGM1 settings, normal port operation,
OC1A/OC1B/OC1C disconnected.
10
Clear OCnA/OCnB/OCnC on compare
match when up-counting. Set
OCnA/OCnB/OCnC on compare match
when counting down.
11
Set OCnA/OCnB/OCnC on compare match
when up-counting. Clear
OCnA/OCnB/OCnC on compare match
when counting down.
Table 15-4.
Waveform Generation mode bit description
(1).
Mode
WGMn3
WGMn2
(CTCn)
WGMn1
(PWMn1)
WGMn0
(PWMn0)
Timer/Counter mode of
operation
TOP
Update of
OCRn
x at
TOVn flag
set on
0
0
0
0
0
Normal
0xFFFF
Immediate
MAX
1
0
0
0
1
PWM, phase correct, 8-bit
0x00FF
TOP
BOTTOM
2
0
0
1
0
PWM, phase correct, 9-bit
0x01FF
TOP
BOTTOM
3
0
0
1
1
PWM, phase correct, 10-bit
0x03FF
TOP
BOTTOM
4
0
1
0
0
CTC
OCRnA
Immediate
MAX
5
0
1
0
1
Fast PWM, 8-bit
0x00FF
TOP
TOP
6
0
1
1
0
Fast PWM, 9-bit
0x01FF
TOP
TOP
7
0
1
1
1
Fast PWM, 10-bit
0x03FF
TOP
TOP
8
100
0
PWM, phase and frequency
Correct
ICRn
BOTTOM
BOTTOM
9
100
1
PWM, phase and frequency
Correct
OCRnA
BOTTOM
BOTTOM
10
1
0
1
0
PWM, phase correct
ICRn
TOP
BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com