Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 137 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 133Page - ATMEL Corporation AT90USB646 Datasheet HTML 134Page - ATMEL Corporation AT90USB646 Datasheet HTML 135Page - ATMEL Corporation AT90USB646 Datasheet HTML 136Page - ATMEL Corporation AT90USB646 Datasheet HTML 137Page - ATMEL Corporation AT90USB646 Datasheet HTML 138Page - ATMEL Corporation AT90USB646 Datasheet HTML 139Page - ATMEL Corporation AT90USB646 Datasheet HTML 140Page - ATMEL Corporation AT90USB646 Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 456 page
background image
137
7593L–AVR–09/12
AT90USB64/128
When the OCnA, OCnB or OCnC is connected to the pin, the function of the COMnx1:0 bits is
dependent of the WGMn3:0 bits setting. Table 15-1 shows the COMnx1:0 bit functionality when
the WGMn3:0 bits are set to a normal or a CTC mode (non-PWM).
Table 15-2 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the fast
PWM mode.
Note:
A special case occurs when OCRnA/OCRnB/OCRnC equals TOP and
COMnA1/COMnB1/COMnC1 is set. In this case the compare match is ignored, but the set or clear
is done at TOP. See “Fast PWM mode” on page 104. for more details.
Table 15-3 on page 138 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to
the phase correct and frequency correct PWM mode.
Table 15-1.
Compare Output mode, non-PWM.
COMnA1/COMnB1/
COMnC1
COMnA0/COMnB0/
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC
disconnected.
0
1
Toggle OCnA/OCnB/OCnC on compare match.
10
Clear OCnA/OCnB/OCnC on compare match (set
output to low level).
11
Set OCnA/OCnB/OCnC on compare match (set
output to high level).
Table 15-2.
Compare Output mode, fast PWM.
COMnA1/COMnB1/
COMnC0
COMnA0/COMnB0/
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC
disconnected.
01
WGM13:0 = 14 or 15: Toggle OC1A on Compare
Match, OC1B and OC1C disconnected (normal port
operation). For all other WGM1 settings, normal port
operation, OC1A/OC1B/OC1C disconnected.
10
Clear OCnA/OCnB/OCnC on compare match, set
OCnA/OCnB/OCnC at TOP
11
Set OCnA/OCnB/OCnC on compare match, clear
OCnA/OCnB/OCnC at TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com