Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 138Page - ATMEL Corporation AT90USB646 Datasheet HTML 139Page - ATMEL Corporation AT90USB646 Datasheet HTML 140Page - ATMEL Corporation AT90USB646 Datasheet HTML 141Page - ATMEL Corporation AT90USB646 Datasheet HTML 142Page - ATMEL Corporation AT90USB646 Datasheet HTML 143Page - ATMEL Corporation AT90USB646 Datasheet HTML 144Page - ATMEL Corporation AT90USB646 Datasheet HTML 145Page - ATMEL Corporation AT90USB646 Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 456 page
background image
142
7593L–AVR–09/12
AT90USB64/128
15.10.12 OCR3AH and OCR3AL – Output Compare Register 3 A
15.10.13 OCR3BH and OCR3BL – Output Compare Register 3 B
15.10.14 OCR3CH and OCR3CL – Output Compare Register 3 C
The Output Compare Registers contain a 16-bit value that is continuously compared with the
counter value (TCNTn). A match can be used to generate an Output Compare interrupt, or to
generate a waveform output on the OCnx pin.
The Output Compare Registers are 16-bit in size. To ensure that both the high and low bytes are
written simultaneously when the CPU writes to these registers, the access is performed using an
8-bit temporary High Byte Register (TEMP). This temporary register is shared by all the other
16-bit registers. See “Accessing 16-bit registers” on page 117.
15.10.15 ICR1H and ICR1L – Input Capture Register 1
15.10.16 ICR3H and ICR3L – Input Capture Register 3
The Input Capture is updated with the counter (TCNTn) value each time an event occurs on the
ICPn pin (or optionally on the Analog Comparator output for Timer/Counter1). The Input Capture
can be used for defining the counter TOP value.
The Input Capture Register is 16-bit in size. To ensure that both the high and low bytes are read
simultaneously when the CPU accesses these registers, the access is performed using an 8-bit
temporary High Byte Register (TEMP). This temporary register is shared by all the other 16-bit
registers. See “Accessing 16-bit registers” on page 117.
Bit
7
65
43
21
0
OCR3A[15:8]
OCR3AH
OCR3A[7:0]
OCR3AL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
OCR3B[15:8]
OCR3BH
OCR3B[7:0]
OCR3BL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
OCR3C[15:8]
OCR3CH
OCR3C[7:0]
OCR3CL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
ICR1[15:8]
ICR1H
ICR1[7:0]
ICR1L
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
ICR3[15:8]
ICR3H
ICR3[7:0]
ICR3L
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com