Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 139Page - ATMEL Corporation AT90USB646 Datasheet HTML 140Page - ATMEL Corporation AT90USB646 Datasheet HTML 141Page - ATMEL Corporation AT90USB646 Datasheet HTML 142Page - ATMEL Corporation AT90USB646 Datasheet HTML 143Page - ATMEL Corporation AT90USB646 Datasheet HTML 144Page - ATMEL Corporation AT90USB646 Datasheet HTML 145Page - ATMEL Corporation AT90USB646 Datasheet HTML 146Page - ATMEL Corporation AT90USB646 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 456 page
background image
143
7593L–AVR–09/12
AT90USB64/128
15.10.17 TIMSK1 – Timer/Counter1 Interrupt Mask Register
15.10.18 TIMSK3 – Timer/Counter3 Interrupt Mask Register
• Bit 5 – ICIEn: Timer/Countern, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Countern Input Capture interrupt is enabled. The corresponding Interrupt
Vector (see “Interrupts” on page 68) is executed when the ICFn Flag, located in TIFRn, is set.
• Bit 3 – OCIEnC: Timer/Countern, Output Compare C Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Countern Output Compare C Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 68) is executed when the OCFnC Flag, located in
TIFRn, is set.
• Bit 2 – OCIEnB: Timer/Countern, Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Countern Output Compare B Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 68) is executed when the OCFnB Flag, located in
TIFRn, is set.
• Bit 1 – OCIEnA: Timer/Countern, Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Countern Output Compare A Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 68) is executed when the OCFnA Flag, located in
TIFRn, is set.
• Bit 0 – TOIEn: Timer/Countern, Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Countern Overflow interrupt is enabled. The corresponding Interrupt Vector
(see “Interrupts” on page 68) is executed when the TOVn Flag, located in TIFRn, is set.
15.10.19 TIFR1 – Timer/Counter1 Interrupt Flag Register
15.10.20 TIFR3 – Timer/Counter3 Interrupt Flag Register
Bit
7
65
43
2
1
0
–
–ICIE1
–
OCIE1C
OCIE1B
OCIE1A
TOIE1
TIMSK1
Read/write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
–
–ICIE3
–
OCIE3C
OCIE3B
OCIE3A
TOIE3
TIMSK3
Read/write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
–
–ICF1
–
OCF1C
OCF1B
OCF1A
TOV1
TIFR1
Read/write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
Bit
7
65
43
21
0
–
–ICF3
–
OCF3C
OCF3B
OCF3A
TOV3
TIFR3
Read/write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com