Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 211 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 207Page - ATMEL Corporation AT90USB646 Datasheet HTML 208Page - ATMEL Corporation AT90USB646 Datasheet HTML 209Page - ATMEL Corporation AT90USB646 Datasheet HTML 210Page - ATMEL Corporation AT90USB646 Datasheet HTML 211Page - ATMEL Corporation AT90USB646 Datasheet HTML 212Page - ATMEL Corporation AT90USB646 Datasheet HTML 213Page - ATMEL Corporation AT90USB646 Datasheet HTML 214Page - ATMEL Corporation AT90USB646 Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 456 page
background image
211
7593L–AVR–09/12
AT90USB64/128
21. 2-wire serial interface
21.1
Features
• Simple yet powerful and flexible communication interface, only two bus lines needed
• Both Master and Slave operation supported
• Device can operate as transmitter or receiver
• 7-bit address space allows up to 128 different slave addresses
• Multi-master arbitration support
• Up to 400kHz data transfer speed
• Slew-rate limited output drivers
• Noise suppression circuitry rejects spikes on bus lines
• Fully programmable slave address with general call support
• Address recognition causes wake-up when AVR is in sleep mode
21.2
2-wire Serial Interface bus definition
The 2-wire Serial Interface (TWI) is ideally suited for typical microcontroller applications. The
TWI protocol allows the systems designer to interconnect up to 128 different devices using only
two bi-directional bus lines, one for clock (SCL) and one for data (SDA). The only external hard-
ware needed to implement the bus is a single pull-up resistor for each of the TWI bus lines. All
devices connected to the bus have individual addresses, and mechanisms for resolving bus
contention are inherent in the TWI protocol.
Figure 21-1. TWI bus interconnection.
21.2.1
TWI terminology
The following definitions are frequently encountered in this section.
The Power Reduction TWI bit, PRTWI bit in “PRR0 – Power Reduction Register 0” on page 54
must be written to zero to enable the 2-wire Serial Interface.
Device 1
Device 2
Device 3
Device n
SDA
SCL
........
R1
R2
V
CC
Table 21-1.
TWI terminology.
Term
Description
Master
The device that initiates and terminates a transmission. The Master also generates the
SCL clock.
Slave
The device addressed by a Master.
Transmitter
The device placing data on the bus.
Receiver
The device reading data from the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com