Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 5 Page - Analog Devices

  ADP3000 Datasheet HTML 1Page - Analog Devices ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP3000
Rev. A | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ILIM 1
VIN 2
SW1
3
SW2
4
FB (SENSE)*
8
SET
7
AO
6
GND
5
*FIXED VERSIONS
ADP3000
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead Plastic DIP (N-8)
1
2
3
4
5
6
7
ADP3000
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
ILIM
VIN
SW2
NC
SW1
NC
14
13
12
11
10
9
8
FB
SET
AO
GND
NC
NC
NC
Figure 5. 14-lead TSSOP (RU-14)
ADP3000
TOP VIEW
(Not to Scale)
ILIM 1
VIN 2
SW1
3
SW2
4
FB (SENSE)*
SET
AO
GND
8
7
6
5
*FIXED VERSIONS
Figure 6. 8-Lead SOIC (R-8)
Table 3. Pin Function Descriptions
Mnemonic
Function
ILIM
For normal conditions, connect to VIN. When lower current is required, connect a resistor between ILIM and VIN.
To limit the switch current to 400 mA, connect a 220 Ω resistor.
VIN
Input Voltage.
SW1
Collector of Power Transistor. For step-down configuration, connect to VIN. For step-up configuration, connect
to an inductor/diode.
SW2
Emitter of Power Transistor. For step-down configuration, connect to inductor/diode. For step-up
configuration, connect to ground. Do not allow pin to go more than a diode drop below ground.
GND
Ground.
AO
Auxiliary Gain Block (GB) Output. Open collector can sink 300 µA. This pin can be left open if not used.
SET
Auxiliary Gain Amplifier Input. The amplifier’s positive input is connected to the SET pin, and its negative
input is connected to the 1.245 V reference. This pin can be left open if not used.
FB/SENSE
On the ADP3000 (adjustable) version, this pin is connected to the comparator input. On the ADP3000-3.3,
the ADP3000-5, and the ADP3000-12, the pin goes directly to the internal resistor divider that sets the
output voltage.
COMPARATOR
GAIN BLOCK/
ERROR AMP
OSCILLATOR
DRIVER
1.245V
REFERENCE
ADP3000
SET
VIN
GND
FB
A0
ILIM
SW1
SW2
A2
A1
Figure 7. Functional Block Diagram for Adjustable Version
COMPARATOR
GAIN BLOCK/
ERROR AMP
OSCILLATOR
DRIVER
1.245V
REFERENCE
R1
R2
ADP3000
SET
VIN
GND
SENSE
A0
ILIM
SW1
SW2
A1
Figure 8. Functional Block Diagram for Fixed Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com