Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices ADP3000 Datasheet HTML 12Page - Analog Devices ADP3000 Datasheet HTML 13Page - Analog Devices ADP3000 Datasheet HTML 14Page - Analog Devices ADP3000 Datasheet HTML 15Page - Analog Devices ADP3000 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3000
Rev. A | Page 12 of 16
Step-Down
[][]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
+
⎥
⎦
⎤
⎢
⎣
⎡
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
IN
Q
SW
O
SAT
CE
IN
O
CESAT
SW
D
V
I
I
I
V
V
V
β
V
I
P
2
1
1
)
(
where:
ISW is ILIMIT when the current limit is programmed externally;
otherwise, ISW is the maximum inductor current.
VCE(SAT) is 1.2 V (typical value). Check this value by applying ISW
to Figure 10.
VO is the output voltage.
IO is the output current.
VIN is the input voltage.
D is 0.75 (typical duty ratio for a single switching cycle).
IQ is 500 µA (typical shutdown quiescent current).
β is 30 (typical forced beta).
The temperature rise can be calculated using the following
equation:
JA
D
P
T
θ
×
=
∆
where:
∆T is temperature rise.
PD is device power dissipation.
θJA is thermal resistance (junction-to-ambient).
For example, consider a boost converter with the following
specifications:
VIN is 2 V.
VO is 3.3 V.
IO is 180 mA.
ISW is 0.8 A (externally programmed).
Using the step-up power dissipation equation:
[]
[][]2
6
500
8
.
0
18
.
0
)
4
(
3
.
3
2
1
75
.
0
30
)
8
.
0
)(
2
(
1
8
.
0
2
−
+
⎥
⎦
⎤
⎢
⎣
⎡
⎥⎦
⎤
⎢⎣
⎡ −
⎥⎦
⎤
⎢⎣
⎡
+
×
=
E
P
D
∆T is 185 mW (170°C/W) = 31.5°C, using the R-8 package.
∆T is 185 mW (120°C/W) = 22.2°C, using the N-8 package.
At a 70°C ambient, the die temperature would be 101.45°C for
the R-8 package and 92.2°C for the N-8 package. These junction
temperatures are well below the maximum recommended
junction temperature of 125°C.
Finally, the die temperature can be decreased up to 20% by
using a large metal ground plate as ground pickup for the
ADP3000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com