Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices ADP3000 Datasheet HTML 12Page - Analog Devices ADP3000 Datasheet HTML 13Page - Analog Devices ADP3000 Datasheet HTML 14Page - Analog Devices ADP3000 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3000
Rev. A | Page 11 of 16
The delay through the current limiting circuit is approximately
0.3 µs. If the switch-on time is reduced to less than 1.7 µs,
accuracy of the current trip point is reduced as well. An attempt
to program a switch-on time of 0.3 µs or less produces spurious
responses in the switch-on time. However, the ADP3000 still
provides a properly regulated output voltage.
PROGRAMMING THE GAIN BLOCK
The ADP3000’s gain block can be used as a low battery detector,
an error amplifier, or a linear post regulator. It consists of an op
amp with PNP inputs and an open-collector NPN output. The
inverting input is internally connected to the 1.245 V reference,
and the noninverting input is available at the SET pin. The NPN
output transistor sinks in excess of 300 µA.
Figure 25 shows the gain block configured as a low battery
monitor. Set Resistors R1 and R2 to high values to reduce
quiescent current, but not so high that bias current in the SET
input causes large errors. A value of 33 kΩ for R2 is a good
compromise. The value for R1 is then calculated as follows:
R2
V
R1
LOBATT
V
245
.
1
V
245
.
1
−
=
where VLOBATT is the desired low battery trip point.
Because the gain block output is an open-collector NPN, a
pull-up resistor should be connected to the positive logic
power supply.
ADP3000
1.245V
REF
GND
AO
5V
RL
47k
Ω
TO
PROCESSOR
R1
VBATT
VIN
SET
RHYS
1.6M
Ω
R2
33k
Ω
VLB = BATTERY TRIP POINT
R1 =
VLB – 1.245V
37.7
µA
Figure 25. Setting the Low Battery Detector Trip Point
The circuit of Figure 25 may produce multiple pulses when
approaching the trip point due to noise coupled into the SET
input. To prevent multiple interrupts to the digital logic, add
hysteresis to the circuit. Resistor RHYS, with a value of 1 MΩ to
10 MΩ, provides the hysteresis. The addition of RHYS alters the
trip point slightly, changing the new value for R1 to
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
−
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
HYS
L
L
LOBATT
R
R
V
R2
V
R1
V
245
.
1
V
245
.
1
V
245
.
1
where:
VL is the logic power supply voltage.
RL is the pull-up resistor.
RHYS creates the hysteresis.
POWER TRANSISTOR PROTECTION DIODE IN
STEP-DOWN CONFIGURATION
When operating the ADP3000 in step-down mode with the
switch off, the output voltage is impressed across the internal
power switch’s emitter-base junction. When the output voltage
is set to higher than 6 V, a Schottky diode must be placed in a
series with SW2 to protect the switch. Figure 26 shows the
proper way to place D2, the protection diode. The selection of
this diode is identical to the step-down commuting diode (refer
to the Diode Selection section).
+
ADP3000
ILIM
VIN SW1
FB
SW2
GND
C2
R3
L1
R2
VIN
D1, D2 = 1N5818 SCHOTTKY DIODES
+
D1
D2
C1
R1
VOUT > 6V
3
4
5
1
2
8
Figure 26. Step-Down Mode VOUT > 6.0 V
THERMAL CONSIDERATIONS
Power dissipation internal to the ADP3000 can be
approximated with the following equations.
Step-Up
[][]
IN
Q
SW
O
O
IN
SW
IN
SW
D
V
I
I
I
V
V
D
β
I
V
R
I
P
+
⎥
⎦
⎤
⎢
⎣
⎡
⎥
⎦
⎤
⎢
⎣
⎡
−
⎥
⎦
⎤
⎢
⎣
⎡
+
=
4
1
2
where:
ISW is ILIMIT when the current limit is programmed externally;
otherwise, ISW is the maximum inductor current.
V0 is the output voltage.
I0 is the output current.
VIN is the input voltage.
R is 1 Ω (typical RCE(SAT)).
D is 0.75 (typical duty ratio for a single switching cycle).
IQ is 500 µA (typical shutdown quiescent current).
β = 30 (typical forced beta).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com