Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 1 Page - Analog Devices

  ADP3000 Datasheet HTML 1Page - Analog Devices ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V,
Adjustable High Frequency Switching Regulator
ADP3000
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Operates at supply voltages from 2 V to 30 V
Works in step-up or step-down mode
Very few external components required
High frequency operation up to 400 kHz
Low battery detector on-chip
User-adjustable current limit
Fixed and adjustable output voltage
8-lead PDIP, 8-lead SOIC, and 14-lead TSSOP packages
Small inductors and capacitors
APPLICATIONS
Notebook, palmtop computers
Cellular telephones
Hard disk drives
Portable instruments
Pagers
GENERAL DESCRIPTION
The ADP3000 is a versatile step-up/step-down switching
regulator. It operates from an input supply voltage of 2 V to
12 V in step-up mode, and from 2 V to 30 V in step-down mode.
Operating in pulse frequency mode (PFM), the device consumes
only 500 µA, making it ideal for applications requiring low
quiescent current. It delivers an output current of 180 mA at
3.3 V from a 2 V input in step-up mode, and an output current
of 100 mA at 3 V from a 5 V input in step-down mode.
The ADP3000 operates at 400 kHz switching frequency. This
allows the use of small external components (inductors and
capacitors), making it convenient for space-constrained designs.
The auxiliary gain amplifier can be used as a low battery detector,
linear regulator, undervoltage lockout, or error amplifier.
FUNCTIONAL BLOCK DIAGRAMS
COMPARATOR
GAIN BLOCK/
ERROR AMP
400kHz
OSCILLATOR
DRIVER
1.245V
REFERENCE
R1
R2
ADP3000
SET
VIN
GND
SENSE
A0
ILIM
SW1
SW2
A1
Figure 1.
ADP3000-3.3V
ILIM
VIN
SW1
FB
(SENSE)
SW2
GND
+
100
µF
10V
120V
6.8
µH
IN5817
C1
100
µF
10V
VIN
2V TO 3.2V
3.3V
180mA
C1, C2 = AVX TPS D107 M010R0100
L1 = SUMIDA CR43-6R8
3
2
4
1
5
8
Figure 2. Typical Application
ADP3000
ILIM
VIN SW1
FB
SW2
GND
C1
100
µF
10V
RLIM
120
Ω
L1
10
µH
VIN
5V TO 6V
C1, C2 = AVX TPS D107 M010R0100
L1 = SUMIDA CR43-100
+
D1
1N5818
CL
100
µF
10V
R2
150k
Ω
1%
R1
110k
Ω
1%
VOUT
3V
100mA
3
8
4
5
1
2
Figure 3. Step-Down Mode Operation


Similar Part No. - ADP3000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP3000AN AD-ADP3000AN Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP3000AN-12 AD-ADP3000AN-12 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP3000AN-5 AD-ADP3000AN-5 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
More results

Similar Description - ADP3000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com