Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices ADP3000 Datasheet HTML 12Page - Analog Devices ADP3000 Datasheet HTML 13Page - Analog Devices ADP3000 Datasheet HTML 14Page - Analog Devices ADP3000 Datasheet HTML 15Page - Analog Devices ADP3000 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP3000
Rev. A | Page 16 of 16
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB-1
Figure 38. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Output Voltage
Temperature Range
Package Description
Package Option
ADP3000AN
Adjustable
–40°C to +85°C
8-lead plastic DIP
N-8
ADP3000AN-3.3
3.3 V
–40°C to +85°C
8-lead plastic DIP
N-8
ADP3000AN-5
5 V
–40°C to +85°C
8-lead plastic DIP
N-8
ADP3000AN-12
12 V
–40°C to +85°C
8-lead plastic DIP
N-8
ADP3000AR
Adjustable
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-REEL
Adjustable
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-3.3
3.3 V
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-3.3-REEL
3.3 V
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-5
5 V
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-5-REEL
5 V
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-12
12 V
–40°C to +85°C
8-lead SOIC
R-8
ADP3000AR-12-REEL
12 V
–40°C to +85°C
8-lead SOIC
R-8
ADP3000ARU
Adjustable
–40°C to +85°C
14-lead TSSOP
RU-14
ADP3000ARU-REEL
Adjustable
–40°C to +85°C
14-lead TSSOP
RU-14
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00122–0–9/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com