Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3000
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (A)
1.5
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.5
2.0
1.5
1.0
0.5
0
VIN = 2V @ TA = 25°C
VIN = 3V @ TA = 25°C
VIN = 5V @ TA = 25°C
Figure 9. Switch-On Voltage vs. Switch Current in Step-Up Mode
SWITCH CURRENT (A)
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.8
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VIN = 12V @ TA = 25°C
VIN = 5V @ TA = 25°C
Figure 10. Saturation Voltage vs. Switch Current in Step-Down Mode
INPUT VOLTAGE (V)
30
1.5
3.0
6
9
12
15
18
21
24
27
1400
1200
1000
800
600
400
200
0
QUIESCENT CURRENT @ TA = 25°C
Figure 11. Quiescent Current vs. Input Voltage
INPUT VOLTAGE (V)
30
2468
10
12
15
18
21
24
27
406
404
405
402
403
401
400
399
398
OSCILLATOR FREQUENCY
@ TA = 25°C
Figure 12. Oscillator Frequency vs. Input Voltage
RLIM (Ω)
1k
1
10
100
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = 25°C
TA = 0°C
TA = 85°C
VIN = 5V
Figure 13. Maximum Switch Current vs. RLIM in Step-Down Mode (5 V)
RLIM (Ω)
1k
1
10
100
1.8
1.4
1.6
0.8
1.0
1.2
0.6
0.4
0.2
0
TA = 25°C
TA = 85°C
TA = 0°C
VIN = 12V
Figure 14. Maximum Switch Current vs. RLIM in Step-Down Mode (12 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com