Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 2 Page - Analog Devices

  ADP3000 Datasheet HTML 1Page - Analog Devices ADP3000 Datasheet HTML 2Page - Analog Devices ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3000
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 9
Applications Information .............................................................. 10
Component Selection................................................................. 10
Programming the Switching Current Limit............................ 10
Programming the Gain Block................................................... 11
Power Transistor Protection Diode in Step-Down
Configuration ............................................................................. 11
Thermal Considerations............................................................ 11
Typical Application Circuits ......................................................... 13
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 16
REVISION HISTORY
9/04—Data Sheet Changed from Rev. 0 to Rev. A
Added RU-14 Package ................................................. Universal
Changes to Table 4.....................................................................10
Changes to Table 5.....................................................................10
Updated Outline Dimensions ..................................................15
Changes to Ordering Guide .....................................................16
1/97—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com