Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 3Page - Analog Devices ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP3000
Rev. A | Page 7 of 16
RLIM (Ω)
1k
1
10
100
1.8
1.4
1.6
0.8
1.0
1.2
0.6
0.4
0.2
0
TA = 85°C
TA = 0°C
TA = 25°C
VIN = 3V
Figure 15. Maximum Switch Current vs. RLIM in Step-Up Mode (3 V)
TEMPERATURE (°C(TA))
85
–40
0
25
70
440
430
420
410
400
390
380
370
360
350
340
330
Figure 16. Oscillator Frequency vs. Temperature
TEMPERATURE (°C(TA))
85
–40
0
25
70
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1.90
1.85
1.95
1.80
Figure 17. Switch-On Time vs. Temperature
TEMPERATURE (°C(TA))
85
–40
0
25
70
100
90
80
70
60
50
0
40
30
20
10
Figure 18. Duty Cycle vs. Temperature
TEMPERATURE (°C(TA))
85
–40
0
25
70
0.56
0.52
0.54
0.50
0.48
0.46
0.44
0.42
VIN = 3V @ ISW = 0.65A
Figure 19. Saturation Voltage vs. Temperature in Step-Up Mode
TEMPERATURE (°C(TA))
85
–40
0
25
70
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
VIN = 12V @ ISW = 0.65A
Figure 20. Switch-On Voltage vs. Temperature in Step-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com