Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 23 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 23 Page - TDK Electronics

Back Button C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 25
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1005X7R1H221K
X7R
50V
220
± 10%
0.50 ± 0.05
C1005X7R1H221M
X7R
50V
220
± 20%
0.50 ± 0.05
C1005X7R1H331K
X7R
50V
330
± 10%
0.50 ± 0.05
C1005X7R1H331M
X7R
50V
330
± 20%
0.50 ± 0.05
C1005X7R1H471K
X7R
50V
470
± 10%
0.50 ± 0.05
C1005X7R1H471M
X7R
50V
470
± 20%
0.50 ± 0.05
C1005X7R1H681K
X7R
50V
680
± 10%
0.50 ± 0.05
C1005X7R1H681M
X7R
50V
680
± 20%
0.50 ± 0.05
C1005X7R1H102K
X7R
50V
1,000
± 10%
0.50 ± 0.05
C1005X7R1H102M
X7R
50V
1,000
± 20%
0.50 ± 0.05
C1005X7R1H152K
X7R
50V
1,500
± 10%
0.50 ± 0.05
C1005X7R1H152M
X7R
50V
1,500
± 20%
0.50 ± 0.05
C1005X7R1H222K
X7R
50V
2,200
± 10%
0.50 ± 0.05
C1005X7R1H222M
X7R
50V
2,200
± 20%
0.50 ± 0.05
C1005X7R1H332K
X7R
50V
3,300
± 10%
0.50 ± 0.05
C1005X7R1H332M
X7R
50V
3,300
± 20%
0.50 ± 0.05
C1005X7R1H472K
X7R
50V
4,700
± 10%
0.50 ± 0.05
C1005X7R1H472M
X7R
50V
4,700
± 20%
0.50 ± 0.05
C1005X7R1H682K
X7R
50V
6,800
± 10%
0.50 ± 0.05
C1005X7R1H682M
X7R
50V
6,800
± 20%
0.50 ± 0.05
C1005X7R1H103K
X7R
50V
10,000
± 10%
0.50 ± 0.05
C1005X7R1H103M
X7R
50V
10,000
± 20%
0.50 ± 0.05
C1005X7R1H153K
X7R
50V
15,000
± 10%
0.50 ± 0.05
C1005X7R1H153M
X7R
50V
15,000
± 20%
0.50 ± 0.05
C1005X7R1H223K
X7R
50V
22,000
± 10%
0.50 ± 0.05
C1005X7R1H223M
X7R
50V
22,000
± 20%
0.50 ± 0.05
C1005X7R1H333K
X7R
50V
33,000
± 10%
0.50 ± 0.05
C1005X7R1H333M
X7R
50V
33,000
± 20%
0.50 ± 0.05
C1005X7R1H473K
X7R
50V
47,000
± 10%
0.50 ± 0.05
C1005X7R1H473M
X7R
50V
47,000
± 20%
0.50 ± 0.05
C1005X7R1H683K
X7R
50V
68,000
± 10%
0.50 ± 0.05
C1005X7R1H683M
X7R
50V
68,000
± 20%
0.50 ± 0.05
C1005X7R1H104K
X7R
50V
100,000
± 10%
0.50 ± 0.05
C1005X7R1H104M
X7R
50V
100,000
± 20%
0.50 ± 0.05
C1005X7R1V103K
X7R
35V
10,000
± 10%
0.50 ± 0.05
C1005X7R1V103M
X7R
35V
10,000
± 20%
0.50 ± 0.05
C1005X7R1V223K
X7R
35V
22,000
± 10%
0.50 ± 0.05
C1005X7R1V223M
X7R
35V
22,000
± 20%
0.50 ± 0.05
C1005X7R1V473K
X7R
35V
47,000
± 10%
0.50 ± 0.05
C1005X7R1V473M
X7R
35V
47,000
± 20%
0.50 ± 0.05
C1005X7R1V104K
X7R
35V
100,000
± 10%
0.50 ± 0.05
C1005X7R1V104M
X7R
35V
100,000
± 20%
0.50 ± 0.05
C1005X7R1E102K
X7R
25V
1,000
± 10%
0.50 ± 0.05
C1005X7R1E102M
X7R
25V
1,000
± 20%
0.50 ± 0.05
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Range Table
C1005 [EIA CC0402]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com