Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 66 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 66 Page - TDK Electronics

Back Button C2012 Datasheet HTML 62Page - TDK Electronics C2012 Datasheet HTML 63Page - TDK Electronics C2012 Datasheet HTML 64Page - TDK Electronics C2012 Datasheet HTML 65Page - TDK Electronics C2012 Datasheet HTML 66Page - TDK Electronics C2012 Datasheet HTML 67Page - TDK Electronics C2012 Datasheet HTML 68Page - TDK Electronics C2012 Datasheet HTML 69Page - TDK Electronics C2012 Datasheet HTML 70Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 68
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
15
Moisture Resistance (Steady State)
Reflow solder the capacitor on P.C. board (shown in
Appendix 1a or Appendix 1b) before testing.
Leave at temperature 40±2ºC, 90 to 95%RH for 500
+24,0h.
Leave the capacitor in ambient conditions for 6 to 24h
(Class 1) or 24±2h (Class 2) before measurement.
External
appearance
No mechanical damage.
Capacitance
Q
(Class 1)
C : Rated capacitance (pF)
D.F.
(Class 2)
Characteristics
X5R: 200% of initial spec. max.
X7R: 200% of initial spec. max
Y5V: 150% of initial spec. max
Insulation
Resistance
1,000MΩ or 50MΩ•μF min.
(As for the capacitors of rated voltage
16, 10 and 6.3V DC, 1,000 MΩ or
10MΩ•μF min.,) whichever smaller.
Characteristics
Change from the
value before test
Class 1
C0G
±
5% or ±0.5pF,
whichever larger.
Class 2
X5R
X7R
Y5V
±
25 %
±
25 %
±
30 %
Rated
Capacitance
Q
C ≥ 30pF
350 min.
10pF ≤ C < 30pF
275+5/2×C min.
C <10pF
200+10×C min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com