Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 45 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 45 Page - TDK Electronics

Back Button C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 47
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C2012X5R1H105K
X5R
50V
1,000,000
± 10%
1.25 ± 0.20
C2012X5R1H105M
X5R
50V
1,000,000
± 20%
1.25 ± 0.20
C2012X5R1H155K
X5R
50V
1,500,000
± 10%
1.25 ± 0.20
C2012X5R1H155M
X5R
50V
1,500,000
± 20%
1.25 ± 0.20
C2012X5R1H225K
X5R
50V
2,200,000
± 10%
1.25 ± 0.20
C2012X5R1H225M
X5R
50V
2,200,000
± 20%
1.25 ± 0.20
C2012X5R1H335K
X5R
50V
3,300,000
± 10%
1.25 ± 0.20
C2012X5R1H335M
X5R
50V
3,300,000
± 20%
1.25 ± 0.20
C2012X5R1H475K
X5R
50V
4,700,000
± 10%
1.25 ± 0.20
C2012X5R1H475M
X5R
50V
4,700,000
± 20%
1.25 ± 0.20
C2012X5R1E105K/0.85
X5R
25V
1,000,000
± 10%
0.85 ± 0.10
C2012X5R1E105M/0.85
X5R
25V
1,000,000
± 20%
0.85 ± 0.10
C2012X5R1E105K/1.25
X5R
25V
1,000,000
± 10%
1.25 ± 0.20
C2012X5R1E105M/1.25
X5R
25V
1,000,000
± 20%
1.25 ± 0.20
C2012X5R1E155K
X5R
25V
1,500,000
± 10%
1.25 ± 0.20
C2012X5R1E155M
X5R
25V
1,500,000
± 20%
1.25 ± 0.20
C2012X5R1E225K
X5R
25V
2,200,000
± 10%
1.25 ± 0.20
C2012X5R1E225M
X5R
25V
2,200,000
± 20%
1.25 ± 0.20
C2012X5R1E475K
X5R
25V
4,700,000
± 10%
1.25 ± 0.20
C2012X5R1E475M
X5R
25V
4,700,000
± 20%
1.25 ± 0.20
C2012X5R1E685K
X5R
25V
6,800,000
± 10%
1.25 ± 0.20
C2012X5R1E685M
X5R
25V
6,800,000
± 20%
1.25 ± 0.20
C2012X5R1E106K
X5R
25V
10,000,000
± 10%
1.25 ± 0.20
C2012X5R1E106M
X5R
25V
10,000,000
± 20%
1.25 ± 0.20
C2012X5R1C105K/0.85
X5R
16V
1,000,000
± 10%
0.85 ± 0.10
C2012X5R1C105M/0.85
X5R
16V
1,000,000
± 20%
0.85 ± 0.10
C2012X5R1C105K/1.25
X5R
16V
1,000,000
± 10%
1.25 ± 0.20
C2012X5R1C105M/1.25
X5R
16V
1,000,000
± 20%
1.25 ± 0.20
C2012X5R1C225K/0.85
X5R
16V
2,200,000
± 10%
0.85 ± 0.10
C2012X5R1C225M/0.85
X5R
16V
2,200,000
± 20%
0.85 ± 0.10
C2012X5R1C225K/1.25
X5R
16V
2,200,000
± 10%
1.25 ± 0.20
C2012X5R1C225M/1.25
X5R
16V
2,200,000
± 20%
1.25 ± 0.20
C2012X5R1C475K/1.25
X5R
16V
4,700,000
± 10%
1.25 ± 0.20
C2012X5R1C475M/1.25
X5R
16V
4,700,000
± 20%
1.25 ± 0.20
C2012X5R1C685K
X5R
16V
6,800,000
± 10%
1.25 ± 0.20
C2012X5R1C685M
X5R
16V
6,800,000
± 20%
1.25 ± 0.20
C2012X5R1C106K/0.85
X5R
16V
10,000,000
± 10%
0.85 ± 0.10
C2012X5R1C106M/0.85
X5R
16V
10,000,000
± 20%
0.85 ± 0.10
C2012X5R1C106K/1.25
X5R
16V
10,000,000
± 10%
1.25 ± 0.20
C2012X5R1C106M/1.25
X5R
16V
10,000,000
± 20%
1.25 ± 0.20
C2012X5R1C226K
X5R
16V
22,000,000
± 10%
1.25 ± 0.20
C2012X5R1C226M
X5R
16V
22,000,000
± 20%
1.25 ± 0.20
C2012X5R1A105K/0.85
X5R
10V
1,000,000
± 10%
0.85 ± 0.10
C2012X5R1A105M/0.85
X5R
10V
1,000,000
± 20%
0.85 ± 0.10
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Capacitance
Range Table
C2012 [EIA CC0805]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com