Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 15 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 15 Page - TDK Electronics

Back Button C2012 Datasheet HTML 11Page - TDK Electronics C2012 Datasheet HTML 12Page - TDK Electronics C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 17
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603C0G1E300J
C0G
25V
30
± 5%
0.30 ± 0.03
C0603C0G1E330G
C0G
25V
33
± 2%
0.30 ± 0.03
C0603C0G1E330J
C0G
25V
33
± 5%
0.30 ± 0.03
C0603C0G1E360G
C0G
25V
36
± 2%
0.30 ± 0.03
C0603C0G1E360J
C0G
25V
36
± 5%
0.30 ± 0.03
C0603C0G1E390G
C0G
25V
39
± 2%
0.30 ± 0.03
C0603C0G1E390J
C0G
25V
39
± 5%
0.30 ± 0.03
C0603C0G1E430G
C0G
25V
43
± 2%
0.30 ± 0.03
C0603C0G1E430J
C0G
25V
43
± 5%
0.30 ± 0.03
C0603C0G1E470G
C0G
25V
47
± 2%
0.30 ± 0.03
C0603C0G1E470J
C0G
25V
47
± 5%
0.30 ± 0.03
C0603C0G1E510G
C0G
25V
51
± 2%
0.30 ± 0.03
C0603C0G1E510J
C0G
25V
51
± 5%
0.30 ± 0.03
C0603C0G1E560G
C0G
25V
56
± 2%
0.30 ± 0.03
C0603C0G1E560J
C0G
25V
56
± 5%
0.30 ± 0.03
C0603C0G1E620G
C0G
25V
62
± 2%
0.30 ± 0.03
C0603C0G1E620J
C0G
25V
62
± 5%
0.30 ± 0.03
C0603C0G1E680G
C0G
25V
68
± 2%
0.30 ± 0.03
C0603C0G1E680J
C0G
25V
68
± 5%
0.30 ± 0.03
C0603C0G1E750G
C0G
25V
75
± 2%
0.30 ± 0.03
C0603C0G1E750J
C0G
25V
75
± 5%
0.30 ± 0.03
C0603C0G1E820G
C0G
25V
82
± 2%
0.30 ± 0.03
C0603C0G1E820J
C0G
25V
82
± 5%
0.30 ± 0.03
C0603C0G1E910G
C0G
25V
91
± 2%
0.30 ± 0.03
C0603C0G1E910J
C0G
25V
91
± 5%
0.30 ± 0.03
C0603C0G1E101G
C0G
25V
100
± 2%
0.30 ± 0.03
C0603C0G1E101J
C0G
25V
100
± 5%
0.30 ± 0.03
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603X7R1H101K
X7R
50V
100
± 10%
0.30 ± 0.03
C0603X7R1H101M
X7R
50V
100
± 20%
0.30 ± 0.03
C0603X7R1H151K
X7R
50V
150
± 10%
0.30 ± 0.03
C0603X7R1H151M
X7R
50V
150
± 20%
0.30 ± 0.03
C0603X7R1H221K
X7R
50V
220
± 10%
0.30 ± 0.03
C0603X7R1H221M
X7R
50V
220
± 20%
0.30 ± 0.03
C0603X7R1H331K
X7R
50V
330
± 10%
0.30 ± 0.03
C0603X7R1H331M
X7R
50V
330
± 20%
0.30 ± 0.03
C0603X7R1H471K
X7R
50V
470
± 10%
0.30 ± 0.03
C0603X7R1H471M
X7R
50V
470
± 20%
0.30 ± 0.03
C0603X7R1E101K
X7R
25V
100
± 10%
0.30 ± 0.03
C0603X7R1E101M
X7R
25V
100
± 20%
0.30 ± 0.03
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Range Table
C0603 [EIA CC0201]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com