Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 48 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 48 Page - TDK Electronics

Back Button C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 50
Capacitance
Range Chart
C3216 [EIA CC1206]
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC)
Rated Voltage: 50V (1H), 25V (1E), 10V (1A)
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X6S (± 22%), X5R (±15%), Y5V (+22/-82)
Rated Voltage: 50V (1H), 35V (1V). 25V (1E), 16V (1C), 10V (1A), 6.3V (0J), 4V(0G)
0.60 mm
0.85 mm
1.15 mm
1.60 mm
1.30 mm
Capacitance
(pF)
Cap
Code
Tolerance
X7R
Y5V
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
100,000 104
K: ± 10%
M: ± 20%
Z: +80/-20%
220,000 224
330,000 334
470,000 474
680,000 684
1,000,000 105
1,500,000 155
2,200,000 225
3,300,000 335
4,700,000 475
6,800,000 685
10,000,000
106
22,000,000
226
47,000,000
476
Capacitance
(pF)
Cap
Code
Tolerance
X5R
X6S
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1A
(10V)
0J
(6.3V)
0G
(4V)
1,000,000 105
K: ± 10%
M: ± 20%
2,200,000 225
3,300,000 335
4,700,000 475
6,800,000 685
10,000,000
106
15,000,000
156
22,000,000
226
33,000,000
336
47,000,000
476
100,000,000
107
Capacitance
(pF)
Cap
Code
Tolerance
C0G
SL
1H
(50V)
1E
(25V)
1A
(10V)
3,900 392
J: ± 5%
4,700 472
5,600 562
6,800 682
8,200 822
10,000 103
15,000 153
22,000 223
33,000 333
47,000 473
68,000 683
100,000 104
220,000 224
Standard Thickness
• Standard capacitance and thickness is shown. Please refer to Capacitance Range Table for additional capacitance values and thicknesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com