Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 14 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 14 Page - TDK Electronics

Back Button C2012 Datasheet HTML 10Page - TDK Electronics C2012 Datasheet HTML 11Page - TDK Electronics C2012 Datasheet HTML 12Page - TDK Electronics C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 16
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0603C0G1E6R8C
C0G
25V
6.8
± 0.25pF
0.30 ± 0.03
C0603C0G1E6R8D
C0G
25V
6.8
± 0.50pF
0.30 ± 0.03
C0603C0G1E070B
C0G
25V
7.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E070C
C0G
25V
7.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E070D
C0G
25V
7.0
± 0.50pF
0.30 ± 0.03
C0603C0G1E7R5B
C0G
25V
7.5
± 0.10pF
0.30 ± 0.03
C0603C0G1E7R5C
C0G
25V
7.5
± 0.25pF
0.30 ± 0.03
C0603C0G1E7R5D
C0G
25V
7.5
± 0.50pF
0.30 ± 0.03
C0603C0G1E080B
C0G
25V
8.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E080C
C0G
25V
8.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E080D
C0G
25V
8.0
± 0.50pF
0.30 ± 0.03
C0603C0G1E8R2B
C0G
25V
8.2
± 0.10pF
0.30 ± 0.03
C0603C0G1E8R2C
C0G
25V
8.2
± 0.25pF
0.30 ± 0.03
C0603C0G1E8R2D
C0G
25V
8.2
± 0.50pF
0.30 ± 0.03
C0603C0G1E090B
C0G
25V
9.0
± 0.10pF
0.30 ± 0.03
C0603C0G1E090C
C0G
25V
9.0
± 0.25pF
0.30 ± 0.03
C0603C0G1E090D
C0G
25V
9.0
± 0.50pF
0.30 ± 0.03
C0603C0G1E9R1B
C0G
25V
9.1
± 0.10pF
0.30 ± 0.03
C0603C0G1E9R1C
C0G
25V
9.1
± 0.25pF
0.30 ± 0.03
C0603C0G1E9R1D
C0G
25V
9.1
± 0.50pF
0.30 ± 0.03
C0603C0G1E100E
C0G
25V
10
± 0.20pF
0.30 ± 0.03
C0603C0G1E100C
C0G
25V
10
± 0.25pF
0.30 ± 0.03
C0603C0G1E100D
C0G
25V
10
± 0.50pF
0.30 ± 0.03
C0603C0G1E110G
C0G
25V
11
± 2%
0.30 ± 0.03
C0603C0G1E110J
C0G
25V
11
± 5%
0.30 ± 0.03
C0603C0G1E120G
C0G
25V
12
± 2%
0.30 ± 0.03
C0603C0G1E120J
C0G
25V
12
± 5%
0.30 ± 0.03
C0603C0G1E130G
C0G
25V
13
± 2%
0.30 ± 0.03
C0603C0G1E130J
C0G
25V
13
± 5%
0.30 ± 0.03
C0603C0G1E150G
C0G
25V
15
± 2%
0.30 ± 0.03
C0603C0G1E150J
C0G
25V
15
± 5%
0.30 ± 0.03
C0603C0G1E160G
C0G
25V
16
± 2%
0.30 ± 0.03
C0603C0G1E160J
C0G
25V
16
± 5%
0.30 ± 0.03
C0603C0G1E180G
C0G
25V
18
± 2%
0.30 ± 0.03
C0603C0G1E180J
C0G
25V
18
± 5%
0.30 ± 0.03
C0603C0G1E200G
C0G
25V
20
± 2%
0.30 ± 0.03
C0603C0G1E200J
C0G
25V
20
± 5%
0.30 ± 0.03
C0603C0G1E220G
C0G
25V
22
± 2%
0.30 ± 0.03
C0603C0G1E220J
C0G
25V
22
± 5%
0.30 ± 0.03
C0603C0G1E240G
C0G
25V
24
± 2%
0.30 ± 0.03
C0603C0G1E240J
C0G
25V
24
± 5%
0.30 ± 0.03
C0603C0G1E270G
C0G
25V
27
± 2%
0.30 ± 0.03
C0603C0G1E270J
C0G
25V
27
± 5%
0.30 ± 0.03
C0603C0G1E300G
C0G
25V
30
± 2%
0.30 ± 0.03
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0603 [EIA CC0201]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com