Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 69 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 69 Page - TDK Electronics

Back Button C2012 Datasheet HTML 64Page - TDK Electronics C2012 Datasheet HTML 65Page - TDK Electronics C2012 Datasheet HTML 66Page - TDK Electronics C2012 Datasheet HTML 67Page - TDK Electronics C2012 Datasheet HTML 68Page - TDK Electronics C2012 Datasheet HTML 69Page - TDK Electronics C2012 Datasheet HTML 70Page - TDK Electronics C2012 Datasheet HTML 71Page - TDK Electronics C2012 Datasheet HTML 72Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 71
Appendix - 1a
P.C. Board for reliability test
Applied for C0603, C1005, C1608, C2012, C3216
Appendix - 1b
P.C. Board for reliability test
Applied for C3225, C4532, C5750
Appendix - 2a
P.C. Board for bending test
Applied for C0603, C1005
Appendix - 2b
P.C. Board for bending test
Applied for C1608, C2012, C3216, C3225, C4532, C5750
100 mm
Solder Resist
Copper
c
Copper
Solder Resist
Slit
100 mm
c
Solder Resist
Copper
b
a
100 mm
c
a
b
Solder resist
b
100 mm
Copper
Material: Glass Epoxy (As per JIS C6484 GE4)
P.C. Board thickness: Appendix-2a
0.8mm
Appendix-1a, 1b, 2b
1.6mm
Copper (thickness 0.035mm)
Solder resist
Case Code
Dimensions (mm)
JIS
EIA
a
b
c
C0603
CC0201
0.3
0.8
0.3
C1005
CC0402
0.4
1.5
0.5
C1608
CC0603
1.0
3.0
1.2
C2012
CC0805
1.2
4.0
1.65
C3216
CC1206
2.2
5.0
2.0
C3225
CC1210
2.2
5.0
2.9
C4532
CC1812
3.5
7.0
3.7
C5750
CC2220
4.5
8.0
5.6
General
Specifications
C Series – General Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com