Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 7 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button MD3872 Datasheet HTML 3Page - Supertex, Inc MD3872 Datasheet HTML 4Page - Supertex, Inc MD3872 Datasheet HTML 5Page - Supertex, Inc MD3872 Datasheet HTML 6Page - Supertex, Inc MD3872 Datasheet HTML 7Page - Supertex, Inc MD3872 Datasheet HTML 8Page - Supertex, Inc MD3872 Datasheet HTML 9Page - Supertex, Inc MD3872 Datasheet HTML 10Page - Supertex, Inc MD3872 Datasheet HTML 11Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
ADDR=0 D[7:2]
OUTDLY[5:0] LVDS ADC Data Output Delay Adjustment Table
OUTDLY[5:0]
Typical Rise Time Delay (ps)
Typical Fall Time Delay (ps)
00 0000
655
685
00 0001
766
805
… …
DELAY = 139.4 x FDDLY +655
DELAY = 148.5 x FDDLY + 699
11 1110
9241
9824
11 1111
9340
9951
Note:
OUTDLY[5:0] and ADDR = D, FDDLY[5:0] are for LVDS data OUT8-1, DCLK and FCLK alignment delay time setting.
ADDR=0 D[1:0]
ATP[1:0] LVDS Alignment Test Pattern Control Table
D1
D0
LVDS Output Description
0
0
Latest ADC Results.
0
1
TPDC[11:0] data written in ADDR[C], the LVDS testing data #C.
1
0
Fixed predefined test pattern: “1000 0000 0000”
1
1
TPD1[11:0] data written in ADDR[1], the LVDS testing data #1.
ADDR=0 D[10:8]
STEP[2:0] LVDS Delay Step Size Control Table
STEP[2:0]
Delay Time Step Size
000
100% (Default value)
120ps
001
133%
160ps
010
200%
240ps
011
400%
480ps
100
50% (min)
60ps
101
57%
69ps
110
67%
80ps
111
80%
96ps
Note:
1. LDVS delay time step size control. Each bit will change the delay step size by 120ps. Setting a different value
than 00 will change the DLOUT[5:0] and FDDLY[5:0] delay-time’s step-size.
2. If f
s = 50MHz it is suggested that you use the minimum STEP[2:0] = 100.
TGC and GSC Voltage for Gain Scaling LNA Feedback Configurations
0
1.7
Minimum Slope
Maximum Slope
TGC Voltage (V)
-47
0
R
S
C
IN+
C
f
R
f1
LNA
SW
C
IN-
VGA
IN+
IN-
R
f2
PA-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com