Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 19 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 19 Page - Supertex, Inc

Back Button MD3872 Datasheet HTML 15Page - Supertex, Inc MD3872 Datasheet HTML 16Page - Supertex, Inc MD3872 Datasheet HTML 17Page - Supertex, Inc MD3872 Datasheet HTML 18Page - Supertex, Inc MD3872 Datasheet HTML 19Page - Supertex, Inc MD3872 Datasheet HTML 20Page - Supertex, Inc MD3872 Datasheet HTML 21Page - Supertex, Inc MD3872 Datasheet HTML 22Page - Supertex, Inc MD3872 Datasheet HTML 23Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
Equivalent Circuits (cont.)
Fig. 26 Equivalent VREF Circuit
Fig. 27 Equivalent TGC Input Circuit
Fig. 28 Equivalent CW Output Circuit
Fig. 24 Equivalent CSB Input Circuit
Fig. 25 Equivalent EXT Input Circuit
120k
30k
1M
CWX±
TGC
VREF
CSB
EXT
AVDD
AVDD
1.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com