Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 21 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 21 Page - Supertex, Inc

Back Button MD3872 Datasheet HTML 16Page - Supertex, Inc MD3872 Datasheet HTML 17Page - Supertex, Inc MD3872 Datasheet HTML 18Page - Supertex, Inc MD3872 Datasheet HTML 19Page - Supertex, Inc MD3872 Datasheet HTML 20Page - Supertex, Inc MD3872 Datasheet HTML 21Page - Supertex, Inc MD3872 Datasheet HTML 22Page - Supertex, Inc MD3872 Datasheet HTML 23Page - Supertex, Inc MD3872 Datasheet HTML 24Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
Pin
Designator
Description
35
NC
Reserved, do not connect
36
AVDD5
Supply for PLL (1.8V)
37
DVDD
Supply for LVDS (1.8V)
38
OUT8-
ADC LVDS output negative - Channel 8
39
OUT8+
ADC LVDS output positive - Channel 8
40
OUT7-
ADC LVDS output negative - Channel 7
41
OUT7+
ADC LVDS output positive - Channel 7
42
OUT6-
ADC LVDS output negative - Channel 6
43
OUT6+
ADC LVDS output positive - Channel 6
44
OUT5-
ADC LVDS output negative - Channel 5
45
OUT5+
ADC LVDS output positive - Channel 5
46
FCLK-
Negative LVDS frame clock output
47
FCLK+
Positive LVDS frame clock output
48
DCLK-
Negative LVDS data clock
49
DCLK+
Positive LVDS data clock
50
OUT4-
ADC LVDS output negative - Channel 4
51
OUT4+
ADC LVDS output positive - Channel 4
52
OUT3-
ADC LVDS output negative - Channel 3
53
OUT3+
ADC LVDS output positive - Channel 3
54
OUT2-
ADC LVDS output negative - Channel 2
55
OUT2+
ADC LVDS output positive - Channel 2
56
OUT1-
ADC LVDS output negative - Channel 1
57
OUT1+
ADC LVDS output positive - Channel 1
58
DVDD
Supply for LVDS (1.8V)
59
N.C
Reserved, do not connect
60
STBY
Standby
61
PDWN
Power down
62
AVDD6
Supply for SPI (1.8V)
63
SCLK
Serial clock
64
SDI
Serial data input
65
CSB
Chip select bar
66
NC
Reserved, do not connect
67
NC
Reserved, do not connect
68
IN1-
Complementary Input Channel 1
Pin Description (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com