Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 5 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 5 Page - Supertex, Inc

  MD3872 Datasheet HTML 1Page - Supertex, Inc MD3872 Datasheet HTML 2Page - Supertex, Inc MD3872 Datasheet HTML 3Page - Supertex, Inc MD3872 Datasheet HTML 4Page - Supertex, Inc MD3872 Datasheet HTML 5Page - Supertex, Inc MD3872 Datasheet HTML 6Page - Supertex, Inc MD3872 Datasheet HTML 7Page - Supertex, Inc MD3872 Datasheet HTML 8Page - Supertex, Inc MD3872 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
Internal and External Reference Characteristics
(Over operating conditions unless otherwise specified, AV
DD = DVDD= 1.8V, CWVDD =+3.3V, RSEL = Hi, RS = 50Ω, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Unit
Conditions
V
REF+
ADC reference top voltage
-
1.4
-
V
ADC reference voltages, decou-
pling capacitors required
V
REF-
ADC reference bottom voltage
-
0.4
-
V
V
REF_EXT
External reference voltage
-
1.0
-
V
EXT = Hi (select external V
REF)
I
REF_MAX
Max reference output current
-
1.0
-
mA
---
CW Doppler Mode Characteristics
(Over operating conditions unless otherwise specified, AV
DD = DVDD= 1.8V, CWVDD =+3.3V, RSEL = Hi, RS = 50Ω, TA = 25°C)
g
m
Transconductance
-
9.5/15.2
-
mA/V
LNA Gain = 14/18dB
V
COMM
Common-mode voltage
1.5
-
3.6
V
CW Doppler output pins
V
CW-NOISE
Input-referred noise voltage
-
1.75/1.45
-
nV/√Hz LNA Gain 14/18dB, R
S = 0, RFB = ∞
I
OUT-BIAS
Output DC bias
-
2.8
-
mA
Per channel
I
OUT-SWING
Maximum output swing
-
±2.3
-
mA
P-P
---
Switching AC Characteristics
(Over operating conditions unless otherwise specified, AV
DD = DVDD= 1.8V, CWVDD =+3.3V, RSEL = Hi, RS = 50Ω, TA = 25°C)
F
S
ADC conversion rate
20
-
50
MSPS
---
t
S
Clock period
20
-
50
ns
---
t
CLKWH
Clock pulse-width high
-
12.5
-
ns
---
t
CLKWL
Clock pulse-width low
-
12.5
-
ns
---
t
PRP
ADC clock propagation delay
-
2.6
-
ns
---
PL
d
Pipeline latency delay
-
5.5
-
cycle
---
t
SBY_DWN
Time to standby
-
1.0
-
µs
---
t
SBY_WUP
Time to wakeup
-
10
-
µs
---
t
PD_DWN
Time to power down
-
1.0
-
µs
---
t
PD_UP
Time to power up
-
10
-
ms
---
t
1
SDI valid to SCK setup time
0
2.0
-
ns
See serial interface timing diagram
t
2
SDI valid to SCK hold time
4.0
-
-
t
3
SCK high time
9.0
10
-
t
4
SCK low time
9.0
10
-
t
5
CSB pulse width
9.0
10
-
t
6
SCK high to CSB low
-
4.5
-
f
SCK
Serial clock max frequency
50
-
-
MHz
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com