Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 13 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button MD3872 Datasheet HTML 9Page - Supertex, Inc MD3872 Datasheet HTML 10Page - Supertex, Inc MD3872 Datasheet HTML 11Page - Supertex, Inc MD3872 Datasheet HTML 12Page - Supertex, Inc MD3872 Datasheet HTML 13Page - Supertex, Inc MD3872 Datasheet HTML 14Page - Supertex, Inc MD3872 Datasheet HTML 15Page - Supertex, Inc MD3872 Datasheet HTML 16Page - Supertex, Inc MD3872 Datasheet HTML 17Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
General Description
The MD3872 has eight identical front-end receiver channels
designed for medical ultrasound imaging. Each channel con-
sists of a low noise preamplifier (LNA), a variable gain ampli-
fier (VGA), an anti-aliasing filter (AAF), and a 12-bit analog-
to-digital converter (ADC). The VGA consists of two parts, a
voltage controlled attenuator (VCA), and a programmable
gain amplifier (PGA). The gain and gain range of the VGA
can be digitally configured separately. The gain of the LNA
is selectable. The differential outputs of each LNA can also
be used to provide amplified RF signals for the CW Doppler
beamforming processing. The voltage-controlled-gain TGC
attenuator can be continuously varied by a control voltage at
the TGC pin from -47dB to a maximum of 0dB. The gain of
the TGC curve is linear-in-dB, and the slope of the curve can
be adjusted by the input voltage of GSC pin for all the eight
channels in the same chip.
The TGC attenuator output is AC-coupled into the PGA.
PGA gain is programmed through the two gain bits (PG0
and PG1) in the SPI control register, and can be configured
to four different gain settings of 23.5, 29, 34.5 and 40dB.
The AAF is a third-order Butterworth low-pass filter. The au-
to-tracking cutoff frequency is typically one-third of the sam-
pling frequency, and is typically triggered by the FLEX com-
mand calibration. There are control bits in SPI for adjusting
the auto-tracking cutoff frequency up to ±15% of the typical
value for the anti-aliasing filter. In addition, the SPI control
register AAF bits can set more frequency range options.
The ADC converters in the MD3872 use a very low power,
high-speed, self-calibrated pipeline architecture that moves
the samples through the pipeline stages every half clock-
cycle. The converted digital results are serialized and sent
through the LVDS output drivers. The total latency is 5.5 in-
put clock cycles.
The following sections are detail descriptions of each pro-
grammable feature.
LNA Gain & Active Impedance Matching
The LNA consists of a differential voltage gain low noise am-
plifier. The LNA’s inverting single-ended output gain is A =
4.0 and A = 2.5 when the LNA differential gain is 18dB and
14dB, respectively. With a known fixed gain, a feedback re-
sistor can be connected between the LNA positive input pin
(IN1+) and the inverting output pin (PA1-), and in series with
a capacitor. This technique is well known as active termina-
tion and results in a better noise figure (NF) than passive
termination. The effective input resistance is RIN = RFB/
(1+A). In addition, the MD3872 provides a dual mode feed-
back resistor option for connecting two feedback resistors in
parallel through the SWx pins. The SWx pin is connected to
the PAx pin with an internal switch which is controlled by the
SWLNA bit in SPI.
TGC / CW Mode & Power Consumption
At power up, all the SPI register’s data bits are reset to 0, and
the MD3872 will go into the default: all TGC mode and the
whole chip’s current consumption is approximately 760mW
if the sampling clock is 40MHz. When in the default state,
CW/TGC = 0, (ADDR=6, D[7:0]=’00000000’), ADCPD[7:0]
=’00000000’, all channels of LNA, VGA, AAF and ADC are
turned on. At the same time, PLL and LVDS will be turned
on in this mode.
To control each TGC (LNA+VGA+AAF) channel individually,
ADDR = 6, CHOFF[7:0] provides selection of turning ON/
OFF for each TGC channel. For example, when MD3872 is
in TGC mode, CW/TGC = 0 and CHOFF[7:0] = ’01111111’,
only the TGC channel 8 is switched ON and other channels
are switched OFF. In this condition, the whole chip’s current
consumption will be quite a bit less than when all channels
are ON. To power off each ADC individually in TGC mode,
ADDR = 9, ADCPD[7:0] can be programmed to state1. For
example, ADCPD[7:0] = ’10000000’, ADC8 is powered down
and the others are powered on. Note that in TGC mode,
ADDR = 2, 3, 4 and 5 are meaningless.
If CW/TGC = 1, MD3872 will go into CW mode, all the VGA,
ADC, AFF, LVDS and PLL will be shut down automatically
and ADDR = 6, D[7:0] is meaningless. In CW mode, each
channel’s CW trans-conductance amplifiers ON and OFF
are controlled by ADDR = 2,3,4 and 5 as shown in the CW
cross-point switch control register table. For example, if CW/
TGC = 1, ADDR 2, D[11:0] =’100000100000’, the MD3872
will be in CW mode and CW channels 1 and 2 will be turned
on. At that time, LNA1 and LNA2 and CW-SW circuits will
turn on, and the total CW output current coming from the
channel 1 and channel 2 trans-conductance amplifiers will
be differentially mixed into CW1+ and CW1-. The VDD cur-
rent is about 25mA increasing per CW channel. If setting
ADDR = 2 to 5 to CW mode ON state, all the LNA and CW
trans-conductance amplifiers are switched ON.
Anti-Aliasing Filter
The MD3872 provides two options for setting the AAF cor-
ner frequency in TGC mode. The first option is the sampling
frequency tracking method in which the corner frequency is
tracked with 1/3 of the sampling frequency. It is achieved by
the built-in six-bit resolution programmable RC value analog
anti-aliasing filter for tracking with sampling frequency, tem-
perature and process corner. It is enabled by CTL = 0 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com