Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 3 Page - Supertex, Inc

  MD3872 Datasheet HTML 1Page - Supertex, Inc MD3872 Datasheet HTML 2Page - Supertex, Inc MD3872 Datasheet HTML 3Page - Supertex, Inc MD3872 Datasheet HTML 4Page - Supertex, Inc MD3872 Datasheet HTML 5Page - Supertex, Inc MD3872 Datasheet HTML 6Page - Supertex, Inc MD3872 Datasheet HTML 7Page - Supertex, Inc MD3872 Datasheet HTML 8Page - Supertex, Inc MD3872 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
Low Noise Preamplifier
(Over operating conditions unless otherwise specified, AV
DD = DVDD = 1.8V, CWVDD =+3.3V, GLNA = 18dB, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
G
LNA
Pre-amplifier gain
-
14/18
-
dB
Selectable
R
IN
Input resistance
-
15
-
kΩ
Without active termination
C
IN
Input capacitance
-
10
-
pF
Without active termination
I
BIAS
Input bias current
-
1.0
-
nA
From ESD leakage
V
IN
Input voltage range
-
±240
-
mV
GAIN
LNA = 1
-
±150
-
GAIN
LNA = 0
V
LNA-
NOISE
Input voltage noise, 5MHz
-
1.3
-
nV/√Hz
LNA Gain of 14dB
-
1.1
-
LNA Gain of 18dB
I
IN-NOISE
Input current noise
-
1.05
-
pA/√Hz Without active termination
NF
Noise figure
-
4.4
-
dB
f = 5.0MHz,
without active termination
-
6.0
-
R
S = RIN = 50Ω,
f = 5.0MHz with active termination
BW
LNA -3dB bandwidth
-
65
-
MHz
Small signal bandwidth
Overall Channel Characteristics
((Over operating conditions unless otherwise specified, AV
DD = DVDD = 1.8V, CWVDD =+3.3V, RSEL = Hi, RS = 50Ω, TA = 25°C)
Gain
Whole channel gain
-
58
-
dB
Without active termination, max. gain
V
CH-NOISE
Input voltage noise, 5.0MHz
-
2.0/1.5
-
nV/√Hz LNA gain of 14 or 18dB
SFDR
Spurious-free dynamic
range, -1dBFS, 5MHz
-
63.2
-
dBc
40Msps
-
62.1
-
50Msps
SNRFS Signal to noise ratio at full
scale, -1dBFS, 5MHz
-
56.3
-
dBc
40Msps
-
56.2
-
50Msps
HD2
Second harmonic distortion,
-1dBFS, 5MHz, 40dB gain
-
-72
-
dBc
40Msps
-
-68
-
50Msps
HD3
Third harmonic distortion,
-1dBFS, 5MHz, 40dB gain
-
-63
-
dBc
40Msps
-
-62
-
50Msps
IMD
IMD, two-tone
-
-63
-
dBc
f1 = 5.0MHz , f2 = 6.0MHz,
at -7.0dBFS, 40dB gain
CSTK
Crosstalk
-
-70
-
dB
1.0MHz, 1V
PP at adjacent channel
Δt
gd
Group delay variation
-
±2.0
-
ns
2.0 to 10MHz, max gain range
t
OLR
Overload recovery time
-
5.0
-
ns
8dB gain, V
IN 10MHz 10mVPP to 0.5VPP step
f
CHP
High-pass cutoff frequency
-
50
-
kHz
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com