Electronic Components Datasheet Search
  English  ▼

X  

MD3872 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD3872
Description  Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872 Datasheet(HTML) 1 Page - Supertex, Inc

  MD3872 Datasheet HTML 1Page - Supertex, Inc MD3872 Datasheet HTML 2Page - Supertex, Inc MD3872 Datasheet HTML 3Page - Supertex, Inc MD3872 Datasheet HTML 4Page - Supertex, Inc MD3872 Datasheet HTML 5Page - Supertex, Inc MD3872 Datasheet HTML 6Page - Supertex, Inc MD3872 Datasheet HTML 7Page - Supertex, Inc MD3872 Datasheet HTML 8Page - Supertex, Inc MD3872 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
MD3872
Doc.# DSFP-MD3872
B060413
Block Diagram
Low Power, Low Noise Ultrasound Receive Front-End
Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
Features
► 1.8V Analog/Digital supply
► 3.3V supply for CW Doppler output bias
► Fully differential inputs and outputs
► SPI programmable LNA gain = 14dB/18dB
► LNA input range 480mV
PP/300mVPP
► Dual mode active input impedance matching
► 1.1nV/√Hz Input Voltage Noise at 5.0MHz
► 1.0pA/√Hz Input Current Noise at 5.0MHz
► 0 to -47dB Linear-in-dB variable Gain of VCA
► 4 PGA Gain settings: 23.5, 29.0, 34.5 & 40.0dB
► Third Order Anti-Aliasing Filter (AAF)
► Program/Auto-tracking AAF (6.6~15MHz)
► Integrated 8×8 Cross-Point Switch (CPS)
► SNR 66dB, SFDR 74dB for ADC
► Built-in reference voltage
► LVDS per ANSI-644
► Fast overload recovery time
► Low power 95mW/ch, 50mW/ch CW
Applications
► Medical ultrasound imaging
► Portable ultrasound instrumentation
► Transducer signal processing
General Description
The MD3872 is an eight-channel front-end receiver for medical
ultrasound imaging. Its excellent low power dynamic performance
is especially suitable for portable ultrasound applications.
The circuit of each channel is composed of a 14dB/18dB low
noise pre-amplifier (LNA), a voltage- controlled attenuator (VCA
or TGC), a programmable gain amplifier (PGA), an anti-aliasing
filter (AAF) and an analog-to-digital (ADC) converter. The gain
and gain range of the VGA can be digitally configured separately.
The gain of the PGA can be set to one of four discrete values:
23.5dB, 29dB, 34.5dB or 40dB. The VCA can be continuously
varied by a control voltage from -47dB to a maximum of 0dB.
In CW mode, an integrated trans-conductance amplifier is driven
by the LNA to generate differential output current. The resulting
signal currents of each channel then connect to an 8×8 differential
cross-point switch which can be programmed through the SPI.
The 12-bit ADC is based on a pipeline structure to provide high
static linearity. The data, clock, and frame alignment signal
outputs are serial LVDS in binary format for each channel.
CLK+
CLK-
FLEX
SW1
PA1-
IN1+
IN1-
SW2
PA2-
IN2+
IN2-
SW8
PA8-
IN8+
IN8-
CM0-8
SPI
Data
Ser. &
LVDS
CWX+
CWX-
FCLK+
FCLK-
OUT1+
OUT1-
OUT2+
OUT2-
OUT8+
OUT8-
EBC
RBIAS
CSB
PDWN
STBY
CWVDD (+3.3V)
DVDD (+1.8V)
AVDD (+1.8V)
AAF
ADC
12bits
AAF
ADC
12bits
AAF
ADC
12bits
LNA
+
-
LNA
+
-
LNA
+
-
+
-
PLL
Reference
CW-SW
16
9
6 X CLK
CW1-8±
TGC GSC
SCK
REF+
EXT
VREF
REF-
SDI SDO
DGND
VGA
VGA
VGA


Similar Part No. - MD3872

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD3872DB1 SUTEX-MD3872DB1 Datasheet
1Mb / 13P
MD3872 Front-End Ultrasound Receiver Demoboard
More results

Similar Description - MD3872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9276 AD-AD9276 Datasheet
1,022Kb / 48P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Rev. 0
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
ADS1194CPAG TI-ADS1194CPAG Datasheet
1Mb / 76P
Eight Low-Noise PGAs and Eight High-Resolution ADCs (ADS1198)
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Texas Instruments
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
Ultrasound Analog Front-End
LM96511 TI1-LM96511_15 Datasheet
13Mb / 74P
Ultrasound Receive Analog Front End
logo
Analog Devices
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2079 MAXIM-MAX2079 Datasheet
3Mb / 49P
Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
19-5901; Rev 1; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com