Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 106 Page - Texas Instruments

Back Button DM383 Datasheet HTML 102Page - Texas Instruments DM383 Datasheet HTML 103Page - Texas Instruments DM383 Datasheet HTML 104Page - Texas Instruments DM383 Datasheet HTML 105Page - Texas Instruments DM383 Datasheet HTML 106Page - Texas Instruments DM383 Datasheet HTML 107Page - Texas Instruments DM383 Datasheet HTML 108Page - Texas Instruments DM383 Datasheet HTML 109Page - Texas Instruments DM383 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 267 page
background image
DM383
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
www.ti.com
Table 4-1. Boot Mode Order
BTMODE[4:0]
1st
2nd
3rd
4th
00000
RESERVED
RESERVED
RESERVED
RESERVED
00001
UART
XIP w/WAIT (MUX0)(1)(2)
MMC
SPI
00010
UART
SPI
NAND
NANDI2C
00011
UART
SPI
XIP (MUX0)(1)(2)
MMC
00100
RESERVED
SPI
NAND
NANDI2C
00101
RESERVED
RESERVED
RESERVED
RESERVED
00110
RESERVED
RESERVED
RESERVED
RESERVED
00111
RESERVED
MMC
SPI
XIP (MUX1)(1)(2)
01000
RESERVED
RESERVED
RESERVED
RESERVED
01001
RESERVED
RESERVED
RESERVED
RESERVED
01010
RESERVED
RESERVED
RESERVED
RESERVED
01011
RESERVED
RESERVED
RESERVED
RESERVED
01100
RESERVED
RESERVED
RESERVED
RESERVED
01101
RESERVED
RESERVED
RESERVED
RESERVED
01110
RESERVED
RESERVED
RESERVED
RESERVED
01111
Fast XIP (MUX0)(1)
UART
RESERVED
RESERVED
10000
XIP (MUX1)(1)(2)
UART
RESERVED
MMC
10001
XIP w/WAIT (MUX1)(1)(2)
UART
RESERVED
MMC
10010
NAND
NANDI2C
SPI
UART
10011
NAND
NANDI2C
MMC
UART
10100
NAND
NANDI2C
SPI
RESERVED
10101
NANDI2C
MMC
RESERVED
UART
10110
SPI
MMC
UART
RESERVED
10111
MMC
SPI
UART
RESERVED
11000
SPI
MMC
RESERVED
RESERVED
11001
SPI
MMC
RESERVED
RESERVED
11010
XIP (MUX0)(1)(2)
UART
SPI
MMC
11011
XIP w/WAIT (MUX0)(1)(2)
UART
SPI
MMC
11100
RESERVED
RESERVED
RESERVED
RESERVED
11101
RESERVED
RESERVED
RESERVED
RESERVED
11110
RESERVED
RESERVED
RESERVED
RESERVED
11111
Fast XIP (MUX0)(1)
RESERVED
UART
RESERVED
(1)
GPMC CS0 eXecute In Place (XIP) boot for NOR/OneNAND/ROM. MUX0/1 refers to the multiplexing option for the GPMC_A[12:0] pins.
For more detailed information on booting the device, including which pins are used for each boot mode, see the ROM Code Memory
and Peripheral Booting chapter in the device-specific Technical Reference Manual.
(2)
When the XIP (MUX0), XIP (MUX1), XIP w/ WAiT (MUX0) or XIP w/ WAiT (MUX1) bootmode is selected, the sampled value from
BTMODE[10] pin is used to select between GPMC pin configuration options shown in Table 4-2, XIP (on GPMC) Boot Options.
4.2.1
XIP (NOR) Boot Options
Table 4-2 shows the XIP (NOR) boot mode GPMC pin configuration options (Option A: BTMODE[10] = 0
and Option B: BTMODE[10] = 1). For Option B, the pull state on select pins is reconfigured to IPD and
remains IPD after boot until the user software reconfigures it. In Table 4-2, GPMC_A[1:12] are configured
only for Non-Muxed NOR flash. In the case of Muxed NOR Flash, GPMC_D[15:0] act as both address and
data lines so configuration of GPMC_A[1:12] in XIP_Mux0 mode and XIP_Mux1 mode doesn't apply for a
Muxed NOR flash and those pins are not configured by Boot ROM.
106
Device Configurations
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com