Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DM383 DaVinc Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 111 Page - Texas Instruments

Back Button DM383 Datasheet HTML 107Page - Texas Instruments DM383 Datasheet HTML 108Page - Texas Instruments DM383 Datasheet HTML 109Page - Texas Instruments DM383 Datasheet HTML 110Page - Texas Instruments DM383 Datasheet HTML 111Page - Texas Instruments DM383 Datasheet HTML 112Page - Texas Instruments DM383 Datasheet HTML 113Page - Texas Instruments DM383 Datasheet HTML 114Page - Texas Instruments DM383 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
Table 4-8. PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Bit Descriptions
Bit
Field
Description
Comments
31:20
RESERVED
Reserved. Read only, writes have no effect.
Reserved. This bit must always be written with the
19
RSV
reset (default) value.
18
RSV
Reserved. This field must always be written as "1".
Pullup/Pulldown Type Selection bit
For PINCNTLx register reset value
17
PLLTYPSEL
0 = Pulldown (PD) selected
examples, see Table 4-9, PNICNTLx
1 = Pullup (PU) selected
Register Reset Value Examples.
Pullup/Pulldown Enable bit
For the full register reset values of all
16
PLLUDEN
0 = PU/PD enabled
PINCNTLx registers.
1 = PU/PD disabled
15:8
RESERVED
Reserved. Read only, writes have no effect.
MUXMODE Selection bits
7:0
MUXMODE[7:0]
These bits select the multiplexed mode pin function
settings. Values other than those are illegal.
Copyright © 2013, Texas Instruments Incorporated
Device Configurations
111
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com