Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 184 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 184 Page - Texas Instruments

Back Button DM385 Datasheet HTML 180Page - Texas Instruments DM385 Datasheet HTML 181Page - Texas Instruments DM385 Datasheet HTML 182Page - Texas Instruments DM385 Datasheet HTML 183Page - Texas Instruments DM385 Datasheet HTML 184Page - Texas Instruments DM385 Datasheet HTML 185Page - Texas Instruments DM385 Datasheet HTML 186Page - Texas Instruments DM385 Datasheet HTML 187Page - Texas Instruments DM385 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.8.2
GPMC Electrical Data/Timing
8.8.2.1
GPMC and NOR Flash Interface Synchronous Mode Timing (Non-Multiplexed and Multiplexed
Modes)
Table 8-27. Timing Requirements for GPMC and NOR Flash Interface - Synchronous Mode
(see Figure 8-21, Figure 8-22, Figure 8-23 for Non-Multiplexed Modes)
(see Figure 8-24, Figure 8-25, Figure 8-26 for Multiplexed Modes)
OPP100/OPP120/Turbo/Nitr
o
NO.
UNIT
MIN
MAX
13
tsu(DV-CLKH)
Setup time, read GPMC_D[15:0] valid before GPMC_CLK high
3.2
ns
14
th(CLKH-DV)
Hold time, read GPMC_D[15:0] valid after GPMC_CLK high
2.5
ns
22
tsu(WAITV-CLKH)
Setup time, GPMC_WAIT[x] valid before GPMC_CLK high
3.2
ns
23
th(CLKH-WAITV)
Hold time, GPMC_WAIT[x] valid after GPMC_CLK high
2.5
ns
Table 8-28. Switching Characteristics Over Recommended Operating Conditions for GPMC and NOR
Flash Interface - Synchronous Mode
(see Figure 8-21, Figure 8-22, Figure 8-23 for Non-Multiplexed Modes)
(see Figure 8-24, Figure 8-25, Figure 8-26 for Multiplexed Modes)
OPP100/OPP120/Turb
o/Nitro
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, output clock GPMC_CLK period
16(1)
ns
tw(CLKH)
Pulse duration, output clock GPMC_CLK high
0.5P(2)
2
ns
tw(CLKL)
Pulse duration, output clock GPMC_CLK low
0.5P(2)
3
td(CLKH-nCSV)
Delay time, GPMC_CLK rising edge to GPMC_CS[x] transition
F - 2.2(3)
F + 4.5(3)
ns
4
td(CLKH-nCSIV)
Delay time, GPMC_CLK rising edge to GPMC_CS[x] invalid
E - 2.2(4)
E + 4.5(4)
ns
5
td(ADDV-CLK)
Delay time, GPMC_A[27:0] address bus valid to GPMC_CLK first edge
B - 4.5(5)
B + 2.3(5)
ns
Delay time, GPMC_CLK rising edge to GPMC_A[27:0] GPMC address bus
6
td(CLKH-ADDIV)
-2.3
ns
invalid
7
td(nBEV-CLK)
Delay time, GPMC_BE0_CLE, GPMC_BE1 valid to GPMC_CLK first edge
B - 1.9(5)
B + 2.3(5)
ns
8
td(CLKH-nBEIV)
Delay time, GPMC_CLK rising edge to GPMC_BE0_CLE, GPMC_BE1 invalid
D - 2.3(6)
D + 1.9(6)
ns
(1)
Sync mode = 62.5 MHz; Async mode = 125 MHz.
(2)
P = GPMC_CLK period.
(3)
For nCS falling edge (CS activated):
•
For GpmcFCLKDivider = 0:
F = 0.5 * CSExtraDelay * GPMC_FCLK
•
For GpmcFCLKDivider = 1:
F = 0.5 * CSExtraDelay * GPMC_FCLK if (ClkActivationTime and CSOnTime are odd) or (ClkActivationTime and CSOnTime are
even)
F = (1 + 0.5 * CSExtraDelay) * GPMC_FCLK otherwise
•
For GpmcFCLKDivider = 2:
F = 0.5 * CSExtraDelay * GPMC_FCLK if ((CSOnTime – ClkActivationTime) is a multiple of 3)
F = (1 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime – ClkActivationTime – 1) is a multiple of 3)
F = (2 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime – ClkActivationTime – 2) is a multiple of 3)
(4)
For single read: E = (CSRdOffTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: E = (CSRdOffTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: E = (CSWrOffTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(5)
B = ClkActivationTime * GPMC_FCLK
(6)
For single read: D = (RdCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: D = (RdCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: D = (WrCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
184
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com