Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DM385 Datasheet HTML 15Page - Texas Instruments DM385 Datasheet HTML 16Page - Texas Instruments DM385 Datasheet HTML 17Page - Texas Instruments DM385 Datasheet HTML 18Page - Texas Instruments DM385 Datasheet HTML 19Page - Texas Instruments DM385 Datasheet HTML 20Page - Texas Instruments DM385 Datasheet HTML 21Page - Texas Instruments DM385 Datasheet HTML 22Page - Texas Instruments DM385 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 2-5. L4 Slow Peripheral Memory Map (continued)
Cortex-A8 and L3 Masters
SIZE
DEVICE NAME
START ADDRESS
END ADDRESS
(HEX)
(HEX)
0x4804_8000
0x4804_8FFF
4KB
TIMER6 Peripheral Registers
0x4804_9000
0x4804_9FFF
4KB
TIMER6 Interconnect Registers
0x4804_A000
0x4804_AFFF
4KB
TIMER7 Peripheral Registers
0x4804_B000
0x4804_BFFF
4KB
TIMER7 Interconnect Registers
0x4804_C000
0x4804_CFFF
4KB
GPIO1 Peripheral Registers
0x4804_D000
0x4804_DFFF
4KB
GPIO1 Interconnect Registers
0x4804_E000
0x4804_FFFF
8KB
Reserved
0x4805_0000
0x4805_1FFF
8KB
Reserved
0x4805_2000
0x4805_2FFF
4KB
Reserved
0x4805_3000
0x4805_FFFF
52KB
Reserved
0x4806_0000
0x4806_FFFF
64KB
MMC/SD/SDIO0 Peripheral Registers
0x4807_0000
0x4807_0FFF
4KB
MMC/SD/SDIO0 Interconnect Registers
0x4807_1000
0x4807_FFFF
60KB
Reserved
0x4808_0000
0x4808_FFFF
64KB
ELM Peripheral Registers
0x4809_0000
0x4809_0FFF
4KB
ELM Interconnect Registers
0x4809_1000
0x4809_FFFF
60KB
Reserved
0x480A_0000
0x480A_FFFF
64KB
Reserved
0x480B_0000
0x480B_0FFF
4KB
Reserved
0x480B_1000
0x480B_FFFF
60KB
Reserved
0x480C_0000
0x480C_0FFF
4KB
RTC Peripheral Registers
0x480C_1000
0x480C_1FFF
4KB
RTC Interconnect Registers
0x480C_2000
0x480C_3FFF
8KB
Reserved
0x480C_4000
0x480C_7FFF
16KB
Reserved
0x480C_8000
0x480C_8FFF
4KB
Mailbox Peripheral Registers
0x480C_9000
0x480C_9FFF
4KB
Mailbox Interconnect Registers
0x480C_A000
0x480C_AFFF
4KB
Spinlock Peripheral Registers
0x480C_B000
0x480C_BFFF
4KB
Spinlock Interconnect Registers
0x480C_C000
0x480F_FFFF
208KB
Reserved
0x4810_0000
0x4811_FFFF
128KB
HDVPSS Peripheral Registers
0x4812_0000
0x4812_0FFF
4KB
HDVPSS Interconnect Registers
0x4812_1000
0x4812_1FFF
4KB
Reserved
0x4812_2000
0x4812_2FFF
4KB
HDMI Peripheral Registers
0x4812_3000
0x4812_3FFF
4KB
HDMI Interconnect Registers
0x4812_4000
0x4813_FFFF
112KB
Reserved
0x4814_0000
0x4815_FFFF
128KB
Control Module Peripheral Registers
0x4816_0000
0x4816_0FFF
4KB
Control Module Interconnect Registers
0x4816_1000
0x4817_FFFF
124KB
Reserved
0x4818_0000
0x4818_2FFF
12KB
PRCM Peripheral Registers
0x4818_3000
0x4818_3FFF
4KB
PRCM Interconnect Registers
0x4818_4000
0x4818_7FFF
16KB
Reserved
0x4818_8000
0x4818_8FFF
4KB
SmartReflex0 Peripheral Registers
0x4818_9000
0x4818_9FFF
4KB
SmartReflex0 Interconnect Registers
0x4818_A000
0x4818_AFFF
4KB
SmartReflex1 Peripheral Registers
0x4818_B000
0x4818_BFFF
4KB
SmartReflex1 Interconnect Registers
0x4818_C000
0x4818_CFFF
4KB
OCP Watchpoint Peripheral Registers
0x4818_D000
0x4818_DFFF
4KB
OCP Watchpoint Interconnect Registers
Copyright © 2013, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com