Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 4 Page - Texas Instruments

  DM385 Datasheet HTML 1Page - Texas Instruments DM385 Datasheet HTML 2Page - Texas Instruments DM385 Datasheet HTML 3Page - Texas Instruments DM385 Datasheet HTML 4Page - Texas Instruments DM385 Datasheet HTML 5Page - Texas Instruments DM385 Datasheet HTML 6Page - Texas Instruments DM385 Datasheet HTML 7Page - Texas Instruments DM385 Datasheet HTML 8Page - Texas Instruments DM385 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
1.3
Description
DM385 and DM388 DaVinci Digital Media Processors are a highly integrated, cost-effective, low-power,
programmable platform that leverages TI’s DaVinci processor technology to meet the processing needs of
HD Video Conferencing - Skype endpoints, IP Netcam, Digital Signage, Media Players and Adapters,
Mobile Medical Imaging, Network Projectors, Home Audio and Video Equipment, and similar devices in
SD, HD, and 4K x 2K resolutions. The Programmable High-Definition Video Image Processor of the
device supports 1080p60 of real time H.264BP/MP/HP video encode or decode. The included best-in-
class H.264 encoder provides high-quality video encode for the lowest possible bit rate under all
conditions, reducing valuable storage space to a minimum. In addition, the device also supports other
video codecs such as MJPEG, MPEG-2, and MPEG-4. The device provides a full set of video
preprocessing and postprocessing functions to ensure the best video quality. The low power consumption
and high performance of the device makes it particularly suitable for portable and automotive applications.
The DM388 is uniquely capable of running the Fourth-Generation Motion-Compensated Noise Filtering
technology of TI.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices featuring robust operating systems support, rich user interfaces, and
high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device also combines programmable video and audio processing with a highly integrated
peripheral set.
The device processors include a high-definition video and imaging coprocessor 2 (HDVICP2), to off-load
many video and imaging processing tasks for common video and imaging algorithms. Programmability is
provided by an ARM Cortex-A8 RISC CPU with NEON extension and high-definition video and imaging
coprocessors. The ARM lets developers separate control functions from A/V algorithms programmed on
coprocessors, thus reducing the complexity of the system software. The ARM Cortex-A8 32-bit RISC
processor with NEON floating-point extension includes: 32KB of instruction cache; 32KB of data cache;
256KB of L2 cache with ECC; 48KB of boot ROM; and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each peripheral, see the related sections in this document and the
associated peripheral reference guides. The peripheral set includes: HD Video Processing Subsystem;
Dual-Port Gigabit Ethernet MACs (10/100/1000 Mbps) (Ethernet Switch) with MII/RMII/GMII/RGMII and
MDIO interface supporting IEEE 1588 Time-Stamping, and Industrial Ethernet Protocols; two USB ports
with integrated 2.0 PHY; PCIe x1 GEN2-Compliant interface; two serializer McASP audio serial ports (with
DIT mode); three UARTs with IrDA and CIR support; four SPI serial interfaces; a CSI2 serial connection;
three MMC/SD/SDIO serial interfaces; four I2C master and slave interfaces; a parallel camera interface
(CAM); up to 125 general-purpose I/Os (GPIOs); eight 32-bit general-purpose timers; system watchdog
timer; DDR2/DDR3/DDR3L SDRAM interface; flexible 8- or 16-bit asynchronous memory interface; a Spin
Lock; and Mailbox.
Additionally, TI provides a complete set of development tools for the ARM which include C compilers and
a Microsoft® Windows® debugger interface for visibility into source code execution.
4
High-Performance System-on-Chip (SoC)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com