Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 80 Page - Texas Instruments

Back Button DM385 Datasheet HTML 76Page - Texas Instruments DM385 Datasheet HTML 77Page - Texas Instruments DM385 Datasheet HTML 78Page - Texas Instruments DM385 Datasheet HTML 79Page - Texas Instruments DM385 Datasheet HTML 80Page - Texas Instruments DM385 Datasheet HTML 81Page - Texas Instruments DM385 Datasheet HTML 82Page - Texas Instruments DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.10 Ground Pins (VSS)
Table 3-25. Ground Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VSS
Ground (GND)
GND
A1, A31, AA13, AA14,
AA15, AA16, AA17,
AA18, AA27, AC25,
AD24, AD25, AD3,
AD4, AD5, AD6, AD7,
AE12, AE19, AE20,
AE23, AE24, AE25,
AE26, AE27, AE28,
AE5, AE6, AE7, AE8,
AE9, AF12, AF20,
AF24, AF25, AF7,
AG11, AG19, AG24,
AG25, AG7, AH12,
AH20, AH7, AL1,
AL31, D25, D8, E21,
E25, E7, E8, F20,
F25, F7, F8, G20,
G23, G24, G25, G26,
G27, G4, G5, G6, G7,
G8, H26, H7, J7, L16,
M16, N13, N14, N16,
N17, P11, P12, P14,
P18, R11, R12, R14,
R18, R20, R21, T11,
T12, T14, T15, T16,
T19, T20, T21, U14,
U18, U23, V18, W16,
W17, Y16, Y17, Y25,
Y26, Y28
VSSA_AUXOSC
Supply Ground for Auxiliary Oscillator. If internal oscillator GND
U30
is bypassed, this pin should be connected to ground.
VSSA_CSI2
Analog GND for CSI2. Connect to ground even if the
GND
AC7, V14
CSI2 is not being used.
VSSA_DEVOSC
Supply Ground for DEV Oscillator. If the internal oscillator GND
G30
is bypassed, this pin should be connected to ground.
VSSA_HDMI
Analog GND for HDMI. For proper device operation, this
GND
G9, H8
pin must always be connected to ground, even if HDMI is
not being used.
VSSA_USB
Analog GND for USB0 and USB1. For proper device
GND
D20, N19, N20
operation, this pin must always be connected to ground,
even if USB is not being used.
VSSA_VDAC
Analog GND for VDAC. For proper device operation, this
GND
C8
pin must always be connected to ground, even if VDAC is
not being used.
80
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com