| Electronic Components Datasheet Search |
|
DM385 Datasheet(PDF) 100 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Datasheet(HTML) 100 Page - Texas Instruments |
|
100 / 280 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-53. Video Input 1 (Digital) Terminal Functions (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] VIN[1]A_D[16] Video Input 1 Data inputs. For RGB capture, D[23:16] are I M11 R Port A data inputs. VIN[1]A_D[17] Video Input 1 Data inputs. For RGB capture, D[23:16] are I L12 R Port A data inputs. VIN[1]A_D[18] Video Input 1 Data inputs. For RGB capture, D[23:16] are I M10 R Port A data inputs. VIN[1]A_D[19] Video Input 1 Data inputs. For RGB capture, D[23:16] are I J2 R Port A data inputs. VIN[1]A_D[20] Video Input 1 Data inputs. For RGB capture, D[23:16] are I K2 R Port A data inputs. VIN[1]A_D[21] Video Input 1 Data inputs. For RGB capture, D[23:16] are I L2 R Port A data inputs. VIN[1]A_D[22] Video Input 1 Data inputs. For RGB capture, D[23:16] are I L4 R Port A data inputs. VIN[1]A_D[23] Video Input 1 Data inputs. For RGB capture, D[23:16] are I L6 R Port A data inputs. VIN[1]A_DE Video Input 1 Port A Data Enable input. Discrete data I F5 valid signal for Port A YCbCr capture modes without embedded syncs (BT.601 modes). VIN[1]A_FLD Video Input 1 Port A Field ID input. Discrete field I F5 identification signal for Port A YCbCr capture modes without embedded syncs (BT.601 modes). VIN[1]A_HSYNC Video Input 1 Port A Horizontal Sync input. Discrete I D3 horizontal synchronization signal for Port A YCbCr capture modes without embedded syncs (BT.601 modes). VIN[1]A_VSYNC Video Input 1 Port A Vertical Sync input. Discrete vertical I E2 synchronization signal for Port A YCbCr capture modes without embedded syncs (BT.601 modes). VIN[1]B_CLK Video Input 1 Port B Clock input. Input clock for 8-bit Port I AF2 B video capture. Input data is sampled on the CLK1 edge. This signal is not used in 16-bit and 24-bit capture modes. VIN[1]B_D[0] Video Input Port B Data inputs. For 8-bit capture, I AG4 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[1] Video Input Port B Data inputs. For 8-bit capture, I AH1 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[2] Video Input Port B Data inputs. For 8-bit capture, I AH2 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[3] Video Input Port B Data inputs. For 8-bit capture, I AJ2 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[4] Video Input Port B Data inputs. For 8-bit capture, I AK1 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[5] Video Input Port B Data inputs. For 8-bit capture, I AK2 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[6] Video Input Port B Data inputs. For 8-bit capture, I AL2 B_D[7:0] are Port B YCbCr data inputs. VIN[1]B_D[7] Video Input Port B Data inputs. For 8-bit capture, I AL3 B_D[7:0] are Port B YCbCr data inputs. 100 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |