Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 101 Page - Texas Instruments

Back Button DM385 Datasheet HTML 97Page - Texas Instruments DM385 Datasheet HTML 98Page - Texas Instruments DM385 Datasheet HTML 99Page - Texas Instruments DM385 Datasheet HTML 100Page - Texas Instruments DM385 Datasheet HTML 101Page - Texas Instruments DM385 Datasheet HTML 102Page - Texas Instruments DM385 Datasheet HTML 103Page - Texas Instruments DM385 Datasheet HTML 104Page - Texas Instruments DM385 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.3.25 Video Output (Analog, TV)
Table 3-54. Video Output (Analog, TV) Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
HDDAC_A
Analog HD Video DAC (G/Y). This pin should be
O
A9
connected to ground through a 165-ohm resistor.
HDDAC_B
Analog HD Video DAC (B/Pb). This pin should be
O
A8
connected to ground through a 165-ohm resistor.
HDDAC_C
Analog HD Video DAC (R/Pr). This pin should be
O
B8
connected to ground through a 165-ohm resistor.
HDDAC_HSYNC
Analog HD Video DAC Discrete HSYNC Output
O
E9
HDDAC_IREF
Video DAC reference current. When the video DACs are
I/O
B6
used, this pin should be connected to ground through a
2.67K-ohm resistor. When the video DACs are powered
down, this pin should be left unconnected.
HDDAC_VREF
Video DAC reference voltage. When the video DACs are
I
B7
powered down, this pin should be left unconnected.
HDDAC_VSYNC
Analog HD Video DAC Discrete VSYNC Output
O
D9
TV_OUT0
Composite Amplifier Output. In Normal mode (internal
O
B9
amplifier used), this pin drives the 75-Ohm TV load. An
external resistor (Rout) should be connected between
this pin and the TV_VFB0 pin and be placed as close to
the pins as possible. The nominal value of Rout is 2700
Ohm. In TVOUT Bypass mode (internal amplifier not
used), this pin is not used. When this pin is not used or
the TV output is powered-down, this pin should be left
unconnected.
TV_RSET
TV Input Reference Current Setting. An external resistor
A
B11
(Rset) should be connected between this pin and
VSSA_VDAC to set the reference current of the video
DAC. The value of the resistor depends on the mode of
operation. In Normal mode (internal amplifier used), the
nominal value for Rset is 4700 Ohm. In TVOUT Bypass
mode (internal amplifier not used), the nominal value for
Rset is 10000 Ohm. When the TV output is not used, this
pin should be connected to ground (VSS).
TV_VFB0
Composite Feedback. In Normal mode (internal amplifier O
B10
used), this pin acts as the buffer feedback node. An
external resistor (Rout) should be connected between
this pin and the TV_OUT0 pin. In TVOUT Bypass mode
(internal amplifier not used), this pin acts as the direct
Video DAC output and should be connected to ground
through a load resistor (Rload) and to an external video
amplifier. The nominal value of Rload is 1500 Ohm.
When this pin is not used or the TV output is powered-
down, this pin should be left unconnected.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
101
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com