Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 54 Page - Texas Instruments

Back Button DM385 Datasheet HTML 50Page - Texas Instruments DM385 Datasheet HTML 51Page - Texas Instruments DM385 Datasheet HTML 52Page - Texas Instruments DM385 Datasheet HTML 53Page - Texas Instruments DM385 Datasheet HTML 54Page - Texas Instruments DM385 Datasheet HTML 55Page - Texas Instruments DM385 Datasheet HTML 56Page - Texas Instruments DM385 Datasheet HTML 57Page - Texas Instruments DM385 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
F9
VIN[0]A_D[20]
VIN[0]A_D[20]
PINCNTL160 /
0x000C 0000
0x01
I
PIN
L
L
DVDD_C
0x4814 0A7C
CAM_D[12]
0x02
I
PIN
EMAC[1]_RMCRSDV
0x08
I
0
SPI[3]_SCS[0]
0x20
I/O
1
GP0[14]
0x80
I/O
PIN
C7
VIN[0]A_D[21]
VIN[0]A_D[21]
PINCNTL161 /
0x0004 0000
0x01
I
PIN
L
L
DVDD_C
0x4814 0A80
CAM_D[13]
0x02
I
PIN
EMAC[1]_RMTXD[0]
0x08
O
PIN
SPI[3]_SCLK
0x20
I/O
1
GP0[15]
0x80
I/O
PIN
A6
VIN[0]A_D[22]
VIN[0]A_D[22]
PINCNTL162 /
0x0004 0000
0x01
I
PIN
L
L
DVDD_C
0x4814 0A84
CAM_D[14]
0x02
I
PIN
EMAC[1]_RMTXD[1]
0x08
O
PIN
SPI[3]_D[1]
0x20
I/O
PIN
GP0[16]
0x80
I/O
PIN
A5
VIN[0]A_D[23]
VIN[0]A_D[23]
PINCNTL163 /
0x0004 0000
0x01
I
PIN
L
L
DVDD_C
0x4814 0A88
CAM_D[15]
0x02
I
PIN
EMAC[1]_RMTXEN
0x08
O
PIN
SPI[3]_D[0]
0x20
I/O
PIN
GP0[17]
0x80
I/O
PIN
C12
VIN[0]A_DE
VIN[0]A_DE
PINCNTL135 /
0x000E 0000
0x01
I
0
H
H
DVDD
0x4814 0A18
VIN[0]B_HSYNC
0x10
I
0
I2C[2]_SDA
0x40
I/O
1
GP2[0]
0x80
I/O
PIN
B5
VIN[0]A_DE
VIN[0]A_DE
PINCNTL164 /
0x0006 0000
0x01
I
0
H
H
DVDD_C
0x4814 0A8C
CAM_D[7]
0x02
I
PIN
GP0[18]
0x80
I/O
PIN
E16
VIN[0]A_D[10]_BD[2]
VIN[0]A_D[10]_BD[2]
PINCNTL150 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A54
GP2[15]
0x80
I/O
PIN
H17
VIN[0]A_D[11]_BD[3]
VIN[0]A_D[11]_BD[3]
PINCNTL151 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A58
CAM_WE
0x20
I
0
GP2[16]
0x80
I/O
PIN
J16
VIN[0]A_D[12]_BD[4]
VIN[0]A_D[12]_BD[4]
PINCNTL152 /
0x0004 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A5C
CLKOUT1
0x20
I/O
PIN
GP2[17]
0x80
I/O
PIN
H16
VIN[0]A_D[13]_BD[5]
VIN[0]A_D[13]_BD[5]
PINCNTL153 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A60
CAM_RESET
0x20
I/O
0
GP2[18]
0x80
I/O
PIN
54
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com