Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 85 Page - Texas Instruments

Back Button DM385 Datasheet HTML 81Page - Texas Instruments DM385 Datasheet HTML 82Page - Texas Instruments DM385 Datasheet HTML 83Page - Texas Instruments DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments DM385 Datasheet HTML 86Page - Texas Instruments DM385 Datasheet HTML 87Page - Texas Instruments DM385 Datasheet HTML 88Page - Texas Instruments DM385 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
3.3.15 PCI Express (PCIe)
Table 3-33. PCI Express (PCIe) Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
PCIE_RXN0
PCIE Receive Data Lane 0. When the PCIe SERDES are I
J30
powered down, these pins should be left unconnected.
PCIE_RXP0
PCIE Receive Data Lane 0. When the PCIe SERDES are I
K30
powered down, these pins should be left unconnected.
PCIE_TXN0
PCIE Transmit Data Lane 0. When the PCIe SERDES
O
K31
are powered down, these pins should be left
unconnected.
PCIE_TXP0
PCIE Transmit Data Lane 0. When the PCIe SERDES
O
L31
are powered down, these pins should be left
unconnected.
SERDES_CLKN
PCIE Serdes Reference Clock Inputs. When PCIe is not
I
H31
used these pins can be left unconnected.
SERDES_CLKP
PCIE Serdes Reference Clock Inputs. When PCIe is not
I
H30
used these pins can be left unconnected.
NOTE
PCIe is supported on all DM385 devices and also on DM388 devices with PCIe enabled. For
DM388 devices with PCIe disabled, the pins in Table 3-33 should be left unconnected.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
85
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com