Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 92 Page - Texas Instruments

Back Button DM385 Datasheet HTML 88Page - Texas Instruments DM385 Datasheet HTML 89Page - Texas Instruments DM385 Datasheet HTML 90Page - Texas Instruments DM385 Datasheet HTML 91Page - Texas Instruments DM385 Datasheet HTML 92Page - Texas Instruments DM385 Datasheet HTML 93Page - Texas Instruments DM385 Datasheet HTML 94Page - Texas Instruments DM385 Datasheet HTML 95Page - Texas Instruments DM385 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.20 Supply Voltages
Table 3-45. Supply Voltages Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
CVDD
Variable Voltage Supply for the CORE_L Core Logic
PWR
P15, P17, R15, R17,
Voltage Domain
T13, T17, T18, U11,
U12, U15, U17, V11,
V12, V15, V17, W13,
W14, W19, W20, Y13,
Y14, Y19, Y20
CVDD_ARM
Variable Voltage Supply for the ARM_L Core Logic
PWR
K17, L17, L18, M13,
Voltage Domain. For actual voltage supply ranges, see
M14, M17
Recommended Operating Conditions.
CVDD_HDVICP
Variable Voltage Supply for the HDVICP_L Core Logic
PWR
U20, U21, V20, V21,
Voltage Domain. For actual voltage supply ranges, see
W22
Recommended Operating Conditions.
DVDD
3.3 V/1.8 V Power Supply for General I/Os
PWR
D16, E17, F16, L5,
M4, M6, M7, N10,
N11, T26, T28, U27
DVDD_C
3.3 V/1.8 V Power Supply for Camera I/F I/Os. For proper PWR
D12, E13, F12, G12,
device operation, this pin must always be connected to a
G13
DVDD Power Supply, even if the Camera I/F is not being
used.
DVDD_DDR[0]
1.35 V/1.5 V/1.8 V Power Supply for DDR[0] I/Os
PWR
AB14, AB15, AB17,
AB18, AC15, AC17,
AC18, AE15, AE16,
AF16, AG15, AH16
DVDD_GPMC
3.3 V/1.8 V Power Supply for GPMC I/Os. For proper
PWR
R5, R7, T4, T6, T7
device operation, this pin must always be connected to a
DVDD Power Supply, even if the GPMC is not being
used.
DVDD_RGMII
3.3 V/1.8 V Power Supply for RGMII I/Os. For proper
PWR
W5, W7, Y4, Y6, Y7
device operation, this pin must always be connected to a
DVDD Power Supply, even if the RGMII is not being
used.
DVDD_SD
3.3 V/1.8 V Power Supply for MMC/SD/SDIO I/Os. For
PWR
T25, U25
proper device operation, this pin must always be
connected to a DVDD Power Supply, even if the interface
is not being used.
LDOCAP_ARM
ARM Cortex-A8 VBB LDO output. This pin must always
A
J19
be connected via a 1-uF capacitor to VSS.
LDOCAP_ARMRAM
ARM Cortex-A8 RAM LDO output. This pin must always
A
K20
be connected via a 1-uF capacitor to VSS.
LDOCAP_HDVICP
HDVICP2 VBB LDO output.This pin must always be
A
W23
connected via a 1-uF capacitor to VSS.
LDOCAP_HDVICPRAM
HDVICP2 RAM LDO output. This pin must always be
A
Y24
connected via a 1-uF capacitor to VSS.
LDOCAP_RAM0
CORE RAM0 LDO output. This pin must always be
A
U9
connected via a 1-uF capacitor to VSS.
LDOCAP_RAM1
CORE RAM1 LDO output. This pin must always be
A
T22
connected via a 1-uF capacitor to VSS.
LDOCAP_RAM2
CORE RAM2 LDO output. This pin must always be
A
AB10
connected via a 1-uF capacitor to VSS.
LDOCAP_SERDESCLK
SERDES_CLKP/N Pins LDO output. This pin must
A
M24
always be connected via a 1-uF capacitor to VSS.
VDDA_1P8
1.8 V Power Supply for on-chip LDOs and I/O biasing
PWR
M25, N22, N25, P23,
R9, T10, T9
VDDA_ARMPLL_1P8
1.8 V Analog Power Supply for PLL_ARM
PWR
L19
VDDA_AUDIOPLL_1P8
1.8 V Analog Power Supply for PLL_AUDIO and
PWR
V9
PLL_HDVPSS. For proper device operation, this pin must
always be connected to a 1.8-V Power Supply.
92
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com