Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 208 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 208 Page - Texas Instruments

Back Button DM385 Datasheet HTML 204Page - Texas Instruments DM385 Datasheet HTML 205Page - Texas Instruments DM385 Datasheet HTML 206Page - Texas Instruments DM385 Datasheet HTML 207Page - Texas Instruments DM385 Datasheet HTML 208Page - Texas Instruments DM385 Datasheet HTML 209Page - Texas Instruments DM385 Datasheet HTML 210Page - Texas Instruments DM385 Datasheet HTML 211Page - Texas Instruments DM385 Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
•
To provide adequate ESD protection on the VGA/YPbPr output, recommend the following:
–
Provide ESD protection on all output signals (that is, Video, Syncs and DDC I/F).
–
Minimize the distance from the ESD protection device to the VGA/YPbPr output connector.
–
Mount all ESD protection devices on the PCB level next to the ground plane to provide the lowest
possible impedance path to ground.
–
Provide a low impedance path to ground for the shield of the VGA/YPbPr output connector.
•
For VGA outputs, recommend the following:
–
3.3 V to 5 V level shifters should be used for the H/V Sync signals.
–
3.3 V to 5 V bi-directional level shifters should be used for the DDC signals. This is typically
implemented using two N-channel enhancement MOSFETs.
–
Recommend using the TPD7S019 ESD protection device with integrated level shifters for the H/V
Sync and DDC signals.
–
The source impedance of the H/V Sync outputs should be 50
Ω.
–
The characteristic impedance of the H/V Sync output signal traces should be 50
Ω.
–
The THS7360 reconstruction filter should be bypassed to provide maximum bandwidth.
–
The 5-V supply output should be current limited (for example, using a series resistor or resettable
fuse).
For additional video HD-DAC design guidelines, see the High Definition Video Processing Subsystem
chapter in the device-specific Technical Reference Manual.
Table 8-38. HD-DAC Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Output Load Capacitance (CLOAD)
(1)
5
pF
Output Load Resistors (RLOAD)
–1%
165
+1%
Ω
Full-Scale Current Adjust Resistor (RHDDAC_IREF)
–1%
2.67
+1%
k
Ω
Optional External Voltage Reference (HDDAC_VREF)(2)
–5%
467
+5%
mV
Required External Amplification (THS7360)
–3%
4.5
+3%
V/V
(1)
The output load capacitance includes the signal trace parasitic capacitance and the video buffer input capacitance.
(2)
An external voltage reference is not required since an internal bandgap reference is provided.
Table 8-39. HD-DAC Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
Bits
DC Accuracy
Integral Non-Linearity (INL), best fit
2.5
LSB
Differential Non-Linearity (DNL)
1.0
LSB
Analog Output
Full-Scale Output Current (IFS)
DAC input = 1023
3
mA
Full-Scale Output Voltage (VFS)
DAC input = 1023
–15%
494
+15%
mV
Zero Scale Offset Error (ZSET)
0.5
LSB
Channel matching
2
%
Dynamic Specifications
Maximum Output Update Rate (FCLK)
150
MHz
Spurious - Free Dynamic Range (SFDR)
FCLK = 74.25 MHz,
70
dB
30-MHz full-scale sine wave
FCLK = 148.5 MHz,
60
dB
30-MHz full-scale sine wave
208
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com