Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 214 Page - Texas Instruments

Back Button DM385 Datasheet HTML 210Page - Texas Instruments DM385 Datasheet HTML 211Page - Texas Instruments DM385 Datasheet HTML 212Page - Texas Instruments DM385 Datasheet HTML 213Page - Texas Instruments DM385 Datasheet HTML 214Page - Texas Instruments DM385 Datasheet HTML 215Page - Texas Instruments DM385 Datasheet HTML 216Page - Texas Instruments DM385 Datasheet HTML 217Page - Texas Instruments DM385 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 280 page
background image
Data/Control input
Data/Control output
6
7
5
2
1
PCLK
(positive edge clocking)
PCLK
(negative edge clocking)
4
3
4
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 8-43. Switching Characteristics Over Recommended Operating Conditions for ISSCAM (see
Figure 8-46)
OPP100/OPP120/Turbo/Nitr
o
NO.
PARAMETER
UNIT
MIN
MAX
15
td(PCLK-FLD)
Delay time, PCLK rising/falling clock edge to Control valid
1.64
14.68
ns
16
td(PCLK-VS)
Delay time, PCLK rising/falling clock edge to Control valid
1.64
14.68
ns
17
td(PCLK-HS)
Delay time, PCLK rising/falling clock edge to Control valid
1.64
14.68
ns
18
td(PCLK-STROBE)
Delay time, PCLK rising/falling clock edge to Control valid
1.64
14.68
ns
19
td(PCLK-SHUTTER)
Delay time, PCLK rising/falling clock edge to Control valid
1.64
14.68
ns
Figure 8-46. ISSCAM Timings
8.12.3 CSI2 PCB Layout Specifications
The following PCB guidelines for CSI2 working at 1 Gbps (up to 3 data lanes), 824 Mbps (up to 4 data
lanes), and 800 Mbps (up to 4 data lanes) are based on a three-step design and validation methodology.
For the design of the PCB differential lines, PCB designers need to keep in mind the requirements of Step
1 and Step 2: the characteristic impedance must be 50
Ω, the total length must be smaller than 100 mm,
and the length mismatch requirements must be satisfied.
After the PCB design is finished, the S-parameters of the PCB differential lines will be extracted with a 3D
Maxwell Equation Solver, such as High-Frequency Structure Simulator (HFSS) or equivalent, and
compared to the frequency-domain specification as outlined in Step 3 of the design methodology. If the
PCB lines satisfy the frequency-domain specification, the design is done. Otherwise, the design needs to
be improved.
8.12.3.1 Step 1: General Guidelines
The general guidelines for the PCB differential lines of CSI2 are given as:
•
Single-ended Z0 = 50
Ω
•
Total conductor length on the board < 100 mm
In this step, the general rule of thumb for the space S = 2 × W is not designated. Although the S = 2 × W
rule is a good rule of thumb, it is not always the best solution. The electrical performance will be checked
with the frequency-domain specification in Step 3. Even if the design does not follow the S = 2 × W rule,
the differential lines are okay if the lines satisfy the frequency-domain specification in Step 3.
214
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com