Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 264 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 264 Page - Texas Instruments

Back Button DM385 Datasheet HTML 260Page - Texas Instruments DM385 Datasheet HTML 261Page - Texas Instruments DM385 Datasheet HTML 262Page - Texas Instruments DM385 Datasheet HTML 263Page - Texas Instruments DM385 Datasheet HTML 264Page - Texas Instruments DM385 Datasheet HTML 265Page - Texas Instruments DM385 Datasheet HTML 266Page - Texas Instruments DM385 Datasheet HTML 267Page - Texas Instruments DM385 Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 280 page
background image
SPI_SCS[x] (Out)
SPI_SCLK (Out)
SPI_SCLK (Out)
SPI_D[x] (In)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
8
9
3
4
2
1
2
3
5
SPI_SCS[x] (Out)
SPI_SCLK (Out)
SPI_SCLK (Out)
SPI_D[x] (In)
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=1
EPOL=1
POL=0
POL=1
8
9
3
2
1
2
3
1
4
5
4
5
5
4
1
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 8-90. SPI Master Mode Receive Timing
Table 8-80. Timing Requirements for SPI - Slave Mode
(see Figure 8-91 and Figure 8-92)
OPP100/OPP120/Turbo/Nitr
o
NO.
UNIT
MIN
MAX
1
tc(SPICLK)
Cycle time, SPI_CLK(1)(2)
62.5(3)
ns
2
tw(SPICLKL)
Pulse duration, SPI_CLK low(1)
0.5*P - 3(4)
ns
3
tw(SPICLKH)
Pulse duration, SPI_CLK high(1)
0.5*P - 3(4)
ns
4
tsu(MOSI-SPICLK)
Setup time, SPI_D[x] valid before SPI_CLK active edge (1)
12.92
ns
5
th(SPICLK-MOSI)
Hold time, SPI_D[x] valid after SPI_CLK active edge (1)
12.92
ns
6
td(SPICLK-MISO)
Delay time, SPI_CLK active edge to SPI_D[x] transition (1)
-4.00
17.1
ns
Delay time, SPI_SCS[x] active edge to SPI_D[x]
7
td(SCS-MISO)
17.1
ns
transition(5)
(1)
This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
Related to the input maximum frequency supported by the SPI module.
(3)
Maximum frequency = 16 MHz
(4)
P = SPICLK period.
(5)
PHA = 0; SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
264
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com