Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 271 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 271 Page - Texas Instruments

Back Button DM385 Datasheet HTML 267Page - Texas Instruments DM385 Datasheet HTML 268Page - Texas Instruments DM385 Datasheet HTML 269Page - Texas Instruments DM385 Datasheet HTML 270Page - Texas Instruments DM385 Datasheet HTML 271Page - Texas Instruments DM385 Datasheet HTML 272Page - Texas Instruments DM385 Datasheet HTML 273Page - Texas Instruments DM385 Datasheet HTML 274Page - Texas Instruments DM385 Datasheet HTML 275Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.20 Universal Serial Bus (USB2.0)
The device includes two USB2.0 modules which support the Universal Serial Bus Specification Revision
2.0. The following are some of the major USB features that are supported:
•
USB 2.0 peripheral at high speed (HS: 480 Mbps) and full speed (FS: 12 Mbps)
•
USB 2.0 host at HS, FS, and low speed (LS: 1.5 Mbps)
•
Each endpoint (other than endpoint 0, control only) can support all transfer modes (control, bulk,
interrupt, and isochronous)
•
Supports high-bandwidth ISO mode
•
Supports 15 Transmit (TX) and 15 Receive (RX) endpoints including endpoint 0
•
FIFO RAM
–
32K endpoint
–
Programmable size
•
Includes two integrated PHYs
•
RNDIS-like mode for terminating RNDIS-type protocols without using short-packet termination for
support of MSC applications.
•
USB Dual Role Device: Host Negotiation Protocol (HNP)
The USB2.0 peripherals do not support the following features:
•
On-chip charge pump (VBUS Power must be generated external to the device.)
•
RNDIS mode acceleration for USB sizes that are not multiples of 64 bytes
•
Endpoint max USB packet sizes that do not conform to the USB 2.0 spec (for FS/LS: 8, 16, 32, 64, –
and 1023 are defined; for HS: 64, 128, 512, and 1024 are defined
•
USB OTG extension: Session Request Protocol (SRP)
For more detailed information on the USB2.0 peripheral, see the Universal Serial Bus (USB) chapter in the
device-specific Technical Reference Manual.
8.20.1 USB2.0 Peripheral Register Descriptions
The USB peripheral registers are described in the device-specific Technical Reference Manual. Each
register is documented as an offset from a base address for the peripheral. The base addresses for all of
the peripherals are in the device memory map (see Section 2.10).
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
271
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com