Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 276 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 276 Page - Texas Instruments

Back Button DM385 Datasheet HTML 272Page - Texas Instruments DM385 Datasheet HTML 273Page - Texas Instruments DM385 Datasheet HTML 274Page - Texas Instruments DM385 Datasheet HTML 275Page - Texas Instruments DM385 Datasheet HTML 276Page - Texas Instruments DM385 Datasheet HTML 277Page - Texas Instruments DM385 Datasheet HTML 278Page - Texas Instruments DM385 Datasheet HTML 279Page - Texas Instruments DM385 Datasheet HTML 280Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 276 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
10 Mechanical
Table 10-1 shows the thermal resistance characteristics for the PBGA–AAR mechanical package.
The device package has been specially engineered with a new technology called Via Channel™, allowing
0.8 mm PCB design rules to be employed. This allows larger than normal PCB via and trace sizes and
reduced PCB signal layers to be used in a PCB design with this 0.5 mm pitch package, and will
substantially reduce PCB costs. It also allows PCB routing in only two signal layers (four layers total
deleted) due to the increased layer efficiency of the Via Channel™ BGA technology.
10.1 Thermal Data for the AAR
Table 10-1. Thermal Resistance Characteristics (PBGA Package) [AAR]
Air Flow (m/s)(1)
ºC/W(2)
still air
17.79
ΘJA/JMA
Junction-to-air/ Junction-to-moving air
1.0 m/s
13.36
2.0 m/s
12.54
3.0 m/s
12.04
still air
0.08
PsiJT
Junction-to-package top
1.0 m/s
0.16
2.0 m/s
0.20
3.0 m/s
0.23
still air
4.90
PsiJB
Junction-to-board
1.0 m/s
4.81
2.0 m/s
4.78
3.0 m/s
4.76
ΘJB
Junction-to-board
4.86
ΘJC (1SOP board)
Junction-to-case
3.84
(1)
m/s = meters per second.
(2)
These measurements were conducted in a JEDEC defined 2S2P system (with the exception of the Theta JC [
ΘJC] measurement, which
was conducted in a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information,
see these EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air).
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
•
JESD51-9, Test Boards for Area Array Surface Mount Packages.
10.2 Packaging Information
The following packaging information and addendum reflect the most current data available for the
designated device(s). This data is subject to change without notice and without revision of this document.
276
Mechanical
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com