Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 164 Page - Texas Instruments

Back Button DM385 Datasheet HTML 160Page - Texas Instruments DM385 Datasheet HTML 161Page - Texas Instruments DM385 Datasheet HTML 162Page - Texas Instruments DM385 Datasheet HTML 163Page - Texas Instruments DM385 Datasheet HTML 164Page - Texas Instruments DM385 Datasheet HTML 165Page - Texas Instruments DM385 Datasheet HTML 166Page - Texas Instruments DM385 Datasheet HTML 167Page - Texas Instruments DM385 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 280 page
background image
ATL_CLKOUTx
2
3
1
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.3
Audio Tracking Logic (ATL)
8.3.1
Overview
The device contains four ATL modules that can be used for asynchronous sample rate conversion of
audio. The ATL calculates the error between two time bases, such as audio syncs, and optionally
generates an averaged clock using cycle stealing via software.
For more detailed information on the ATL peripheral, see the Audio Tracking Logic (ATL) chapter of the
device-specific Technical Reference Manual.
8.3.2
ATL Peripheral Registers
This ATL peripheral registers are described in the device-specific Technical Reference Manual (TRM).
Each register is documented as an offset from a base address for the peripheral. The base addresses for
all of the peripherals are in the device memory map (see Section 2.10).
8.3.3
ATL Electrical Data/Timing
Table 8-1. Switching Characteristics Over Recommended Operating Conditions for ATL_CLKOUTx
OPP100/OPP120/
Turbo/Nitro
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(ATLCLKOUT)
Cycle time, ATL_CLKOUTx
20
ns
2
tw(ATLCLKOUTL)
Pulse Duration, ATL_CLKOUTx low
0.45*P - M(1)
ns
3
tw(ATLCLKOUTH)
Pulse Duration, ATL_CLKOUTx high
0.45*P - M(1)
ns
(1)
P = ATL_CLKOUTx period.
M = internal ATL PCLK period.
Figure 8-4. ATL_CLKOUTx Timing
164
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com