Electronic Components Datasheet Search
  English  ▼

X  

DM385AAAR21 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DM385AAAR21
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR21 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DM385AAAR21 Datasheet HTML 2Page - Texas Instruments DM385AAAR21 Datasheet HTML 3Page - Texas Instruments DM385AAAR21 Datasheet HTML 4Page - Texas Instruments DM385AAAR21 Datasheet HTML 5Page - Texas Instruments DM385AAAR21 Datasheet HTML 6Page - Texas Instruments DM385AAAR21 Datasheet HTML 7Page - Texas Instruments DM385AAAR21 Datasheet HTML 8Page - Texas Instruments DM385AAAR21 Datasheet HTML 9Page - Texas Instruments DM385AAAR21 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
1
High-Performance System-on-Chip (SoC)
......... 1
Module
............................................ 129
1.1
Features
............................................. 1
7.2
Power
.............................................. 129
1.2
Applications
.......................................... 3
7.3
Reset
.............................................. 137
1.3
Description
........................................... 4
7.4
Clocking
........................................... 145
1.4
Functional Block Diagram
........................... 5
7.5
Interrupts
.......................................... 159
Revision History
.............................................. 7
8
Peripheral Information and Timings
............. 162
2
Device Overview
........................................ 8
8.1
Parameter Information
............................ 162
8.2
Recommended Clock and Control Signal Transition
2.1
Device Comparison
.................................. 8
Behavior
........................................... 163
2.2
Device Characteristics
............................... 8
8.3
Audio Tracking Logic (ATL)
....................... 164
2.3
Device Compatibility
................................ 10
8.4
EDMA
............................................. 165
2.4
ARM® Cortex™-A8 Microprocessor Unit
(Processor) Subsystem Overview
.................. 10
8.5
Emulation Features and Capability
............... 168
2.5
Media Controller Overview
......................... 12
8.6
Ethernet MAC Switch (EMAC SW)
................ 172
2.6
HDVICP2 Overview
................................ 12
8.7
General-Purpose Input/Output (GPIO)
............ 181
8.8
General-Purpose Memory Controller (GPMC) and
2.7
Face Detect (FD) Overview
........................ 12
Error Location Module (ELM)
..................... 183
2.8
Spinlock Module Overview
......................... 13
8.9
High-Definition Multimedia Interface (HDMI)
...... 198
2.9
Mailbox Module Overview
.......................... 14
8.10
High-Definition Video Processing Subsystem
2.10
Memory Map Summary
............................. 15
(HDVPSS)
......................................... 201
3
Device Pins
............................................. 22
8.11
Inter-Integrated Circuit (I2C)
...................... 209
3.1
Pin Maps
........................................... 22
8.12
Imaging Subsystem (ISS)
......................... 212
3.2
Pin Assignments
.................................... 33
8.13
DDR2/DDR3/DDR3L Memory Controller
.......... 217
3.3
Terminal Functions
................................. 63
8.14
Multichannel Audio Serial Port (McASP)
.......... 251
4
Device Configurations
.............................. 108
8.15
MultiMedia Card/Secure Digital/Secure Digital Input
4.1
Control Module Registers
......................... 108
Output (MMC/SD/SDIO)
........................... 256
4.2
Boot Modes
....................................... 108
8.16
Peripheral Component Interconnect Express (PCIe)
..................................................... 258
4.3
Pin Multiplexing Control
........................... 115
8.17
Serial Peripheral Interface (SPI)
.................. 261
4.4
Handling Unused Pins
............................ 117
8.18
Timers
............................................. 267
4.5
DeBugging Considerations
........................ 117
8.19
Universal Asynchronous Receiver/Transmitter
5
System Interconnect
................................ 119
(UART)
............................................ 269
6
Device Operating Conditions
...................... 123
8.20
Universal Serial Bus (USB2.0)
.................... 271
6.1
Absolute Maximum Ratings
....................... 123
9
Device and Documentation Support
............. 273
6.2
Recommended Operating Conditions
............. 124
9.1
Device Support
.................................... 273
6.3
Reliability Data
.................................... 126
9.2
Documentation Support
........................... 275
6.4
Electrical Characteristics Over Recommended
9.3
Community Resources
............................ 275
Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
.......... 127
10
Mechanical
............................................ 276
7
Power, Reset, Clocking, and Interrupts
......... 129
10.1
Thermal Data for the AAR
........................ 276
7.1
Power, Reset and Clock Management (PRCM)
10.2
Packaging Information
............................ 276
6
Contents
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com