| Electronic Components Datasheet Search |
|
DM385AAAR21 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385AAAR21 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 280 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.8 GPMC Table 3-20. GPMC Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] GPMC_A[0] GPMC Address 0 O AK3, M8 GPMC_A[1] GPMC Address 1 O AD1, AK4 GPMC_A[2] GPMC Address 2 O AC8, AJ4 GPMC_A[3] GPMC Address 3 O AC5, AL5 GPMC_A[4] GPMC Address 4 O AC4, AK5 GPMC_A[5] GPMC Address 5 O A2, AJ6 GPMC_A[6] GPMC Address 6 O AL6, B2 GPMC_A[7] GPMC Address 7 O AK6, C1 GPMC_A[8] GPMC Address 8 O AJ7, C2 GPMC_A[9] GPMC Address 9 O AK7, D5 GPMC_A[10] GPMC Address 10 O AE4, H9 GPMC_A[11] GPMC Address 11 O AK8, J10 GPMC_A[12] GPMC Address 12 O AJ8, B3 GPMC_A[13] GPMC Address 13 O AH8, L2 GPMC_A[14] GPMC Address 14 O AG8, L4 GPMC_A[15] GPMC Address 15 O AF8, L6 GPMC_A[16] GPMC Address 16 O M1 GPMC_A[17] GPMC Address 17 O M2 GPMC_A[18] GPMC Address 18 O M3 GPMC_A[19] GPMC Address 19 O M5 GPMC_A[20] GPMC Address 20 O AE3, N9 GPMC_A[21] GPMC Address 21 O AE2, N1 GPMC_A[22] GPMC Address 22 O AE1, N2 GPMC_A[23] GPMC Address 23 O AD2, R8 GPMC_A[24] GPMC Address 24 O AC3, AE3, Y11 GPMC_A[25] GPMC Address 25 O AA12, AE2, Y3 GPMC_A[26] GPMC Address 26 O AE1, AK3, W8 GPMC_A[27] GPMC Address 27 O AD2, AK3 GPMC_ADV_ALE GPMC Address Valid output or Address Latch Enable O AA10 output GPMC_BE[1] GPMC Upper Byte Enable output O Y11 GPMC_BE[0]_CLE GPMC Lower Byte Enable output or Command Latch O Y3 Enable output GPMC_CLK GPMC Clock output O AB9 GPMC_CS[0] GPMC Chip Select 0 O AC9 GPMC_CS[1] GPMC Chip Select 1 O AA12 GPMC_CS[2] GPMC Chip Select 2 O AC3 GPMC_CS[3] GPMC Chip Select 3 O AF2 GPMC_CS[4] GPMC Chip Select 4 O AG6 GPMC_CS[5] GPMC Chip Select 5 O AB9 GPMC_CS[6] GPMC Chip Select 6 O AA10 GPMC_CS[7] GPMC Chip Select 7 O AD2 GPMC_D[0] GPMC Multiplexed Data/Address I/O I/O W6 GPMC_D[1] GPMC Multiplexed Data/Address I/O I/O W4 GPMC_D[2] GPMC Multiplexed Data/Address I/O I/O W3 GPMC_D[3] GPMC Multiplexed Data/Address I/O I/O U2 74 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |